công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP016MNG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10EP016MNG
Giải thích chi tiết về linh kiện  ECL 8-Bit Synchronous Binary Up Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016MNG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10EP016MNG Datasheet HTML 1Page - ON Semiconductor MC10EP016MNG Datasheet HTML 2Page - ON Semiconductor MC10EP016MNG Datasheet HTML 3Page - ON Semiconductor MC10EP016MNG Datasheet HTML 4Page - ON Semiconductor MC10EP016MNG Datasheet HTML 5Page - ON Semiconductor MC10EP016MNG Datasheet HTML 6Page - ON Semiconductor MC10EP016MNG Datasheet HTML 7Page - ON Semiconductor MC10EP016MNG Datasheet HTML 8Page - ON Semiconductor MC10EP016MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC10EP016, MC100EP016
http://onsemi.com
2
VEE
MC10EP016
MC100EP016
COUT COUT TC VCC P7
P6
P5
VCC Q2 Q1 Q0 VEE MR CE PE
VCC
TCLD
Q7
Q6
Q5
Q4
VCC
P4
P3
P2
P1
P0
CLK
VBB
CLK
Figure 1. 32-Lead LQFP Pinout (Top View)
Q3
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
VEE
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
COUT COUT TC VCC P7
P6
P5
VCC Q2 Q1 Q0 VEE MR CE PE
P4
P3
P2
P1
P0
CLK
VBB
CLK
Figure 2. 32-Lead QFN Pinout (Top View)
MC10EP016
MC100EP016
VCC
TCLD
Q7
Q6
Q5
Q4
VCC
Q3
Exposed Pad
(EP)
Table 1. PIN DESCRIPTION
Pin
Function
P0-P7*
ECL Parallel Data (Preset) Inputs
Q0-Q7
ECL Data Outputs
CE*
ECL Count Enable Control Input
PE*
ECL Parallel Load Enable Control Input
MR*
ECL Master Reset
CLK*, CLK*
ECL Differential Clock
TC
ECL Terminal Count Output
TCLD*
ECL TC-Load Control Input
COUT, COUT
ECL Differential Output
VCC
Positive Supply
VEE
Negative Supply
VBB
Reference Voltage Output
EP
The exposed pad (EP) on the QFN-32 package bottom is thermally connected to the die for improved heat transfer out
of the package. THe exposed pad must be attached to a heat-sinking conduit. The pad is electrically connected to VEE.
* Pins will default LOW when left open.


Số phần tương tự - MC10EP016MNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAG ONSEMI-MC10EP016FAG Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results

Mô tả tương tự - MC10EP016MNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com