công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP016FA bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC10EP016FA
Giải thích chi tiết về linh kiện  ECL 8-Bit Synchronous Binary Up Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FA bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC10EP016FA Datasheet HTML 5Page - ON Semiconductor MC10EP016FA Datasheet HTML 6Page - ON Semiconductor MC10EP016FA Datasheet HTML 7Page - ON Semiconductor MC10EP016FA Datasheet HTML 8Page - ON Semiconductor MC10EP016FA Datasheet HTML 9Page - ON Semiconductor MC10EP016FA Datasheet HTML 10Page - ON Semiconductor MC10EP016FA Datasheet HTML 11Page - ON Semiconductor MC10EP016FA Datasheet HTML 12Page - ON Semiconductor MC10EP016FA Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC10EP016, MC100EP016
http://onsemi.com
9
Table 12. AC CHARACTERISTICS VEE = -3.0 V to -5.5 V; VCC = 0 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 25)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fCOUNT
Maximum Frequency
Q, TC
COUT/COUT
> 1
> 800
> 1
> 800
> 1
> 800
GHz
MHz
tPLH
tPHL
Propagation Delay (10)
CLK to Q
(10)
MR to Q
(10)
CLK to TC
(10)
MR to TC
(10)
CLK to COUT
(10)
MR to COUT
(100)
CLK to Q
(100)
MR to Q
(100)
CLK to TC
(100)
MR to TC
(100) CLK to COUT
(100) MR to COUT
300
300
350
250
400
300
350
400
350
400
400
450
460
400
420
350
470
400
500
550
500
550
550
600
600
500
550
450
650
550
650
700
650
700
750
800
350
400
400
350
450
400
400
450
400
450
450
500
500
500
500
450
550
500
550
590
550
590
600
640
650
600
600
550
700
650
700
750
700
750
800
850
400
450
400
400
450
450
480
520
480
520
530
570
560
580
550
510
600
560
630
670
630
670
680
720
700
700
700
600
800
700
780
820
780
820
880
920
ps
tS
Setup Time
Pn
CE
PE
TCLD
100
500
500
500
-50
300
300
300
100
500
500
500
-50
300
300
300
100
500
500
500
-50
300
300
300
ps
tH
Hold Time
Pn
CE
PE
TCLD
100
500
500
500
-50
300
300
300
100
500
500
500
-50
300
300
300
100
500
500
500
-50
300
300
300
ps
tJITTER
Clock Random Jitter
(RMS >1000 Waveforms)
2.6
8.5
2.5
8.0
2.5
8.0
ps
tRR
Reset Recovery Time
200
80
200
80
200
80
ps
tPW
Minimum Pulse Width CLK, MR
550
300
550
300
550
300
ps
tr
tf
Output Rise/Fall Times
20% - 80%
120
210
320
120
220
320
150
250
450
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
25. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC - 2.0 V.


Số phần tương tự - MC10EP016FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAG ONSEMI-MC10EP016FAG Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results

Mô tả tương tự - MC10EP016FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com