công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10ELT28DG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC10ELT28DG
Giải thích chi tiết về linh kiện  TTL to Differential PECL and Differential PECL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT28DG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC10ELT28DG Datasheet HTML 1Page - ON Semiconductor MC10ELT28DG Datasheet HTML 2Page - ON Semiconductor MC10ELT28DG Datasheet HTML 3Page - ON Semiconductor MC10ELT28DG Datasheet HTML 4Page - ON Semiconductor MC10ELT28DG Datasheet HTML 5Page - ON Semiconductor MC10ELT28DG Datasheet HTML 6Page - ON Semiconductor MC10ELT28DG Datasheet HTML 7Page - ON Semiconductor MC10ELT28DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10ELT28, MC100ELT28
www.onsemi.com
3
Table 4. 10ELT SERIES PECL DC CHARACTERISTICS VCC= 5.0 V; GND= 0.0 V (Note 2)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (Note 3)
3920
4010
4110
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 3)
3050
3200
3350
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage (Single−Ended)
3770
4110
3870
4190
3940
4280
mV
VIL
Input LOW Voltage (Single−Ended)
3050
3500
3050
3520
3050
3555
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 4)
2.2
5.0
2.2
5.0
2.2
5.0
V
IIH
Input HIGH Current
255
175
175
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
2. Input and output parameters vary 1:1 with VCC. VCC can vary ± 0.25 V.
3. PECL outputs are terminated through a 50
W resistor to VCC − 2 V.
4. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC.
Table 5. 100ELT SERIES PECL DC CHARACTERISTICS VCC= 5.0 V; GND= 0.0 V (Note 5)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (Note 6)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 6)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3525
3190
3525
3190
3525
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 7)
2.2
5.0
2.2
5.0
2.2
5.0
V
IIH
Input HIGH Current
255
175
175
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. Input and output parameters vary 1:1 with VCC. VCC can vary ± 0.25 V.
6. PECL outputs are terminated through a 50
W resistor to VCC − 2 V.
7. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC.
Table 6. TTL OUTPUT DC CHARACTERISTICS VCC = 4.75V to 5.25V; TA = −40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = −3.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
V
ICCH
Power Supply Current
27
40
mA
ICCL
Power Supply Current
29
42
mA
IOS
Output Short Circuit Current
−150
−60
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.


Số phần tương tự - MC10ELT28DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT28DG ONSEMI-MC10ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
More results

Mô tả tương tự - MC10ELT28DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com