công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10ELT22DTG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10ELT22DTG
Giải thích chi tiết về linh kiện  Dual TTL to Differential PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT22DTG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10ELT22DTG Datasheet HTML 1Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 2Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 3Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 4Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 5Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 6Page - ON Semiconductor MC10ELT22DTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10ELT22, MC100ELT22
www.onsemi.com
4
Table 6. TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = −40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN = 2.7 V;
VIN = (VCC − 0.025) V
20
mA
IIHH
Input HIGH Current
VIN = 7.0 V
100
mA
IIL
Input LOW Current
VIN = 0.5 V;
VIN = (GND + 0.025) V
−0.6
mA
VIK
Input Clamp Diode Voltage
IIN = −18 mA
−1.2
V
VIH
Input HIGH Voltage
2.0
VCC − 0.025 V
V
VIL
Input LOW Voltage
GND + 0.025 V
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 7. AC CHARACTERISTICS VCC= 4.75 V to 5.25 V; GND= 0.0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Input Frequency
500
MHz
tPLH
Propagation Delay (Note 6)
1.5 V to 50%
0.6
1.2
0.9
1.2
1.5
0.6
1.35
ns
tPHL
Propagation Delay (Note 6)
1.5 V to 50%
0.4
1.0
0.5
0.8
1.1
0.7
1.30
ns
tskew
Within−Device Skew (Note 7)
Device−to−Device Skew (Note 8)
50
300
100
600
50
300
100
600
50
350
100
750
ps
tJITTER
CLOCK Random Jitter (RMS)
0.5
ps
tr/tf
Output Rise/Fall Time
(20−80%)
0.4
1.6
0.4
1.6
0.4
1.6
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
6. Specifications for standard TTL input signal.
7. Skew is measured between outputs under identical transitions and conditions on any one device.
8. Device−to−Device Skew for identical transitions at identical VCC levels.


Số phần tương tự - MC10ELT22DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT22DTG ONSEMI-MC10ELT22DTG Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
More results

Mô tả tương tự - MC10ELT22DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com