công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10ELT24 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC10ELT24
Giải thích chi tiết về linh kiện  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT24 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

  MC10ELT24 Datasheet HTML 1Page - ON Semiconductor MC10ELT24 Datasheet HTML 2Page - ON Semiconductor MC10ELT24 Datasheet HTML 3Page - ON Semiconductor MC10ELT24 Datasheet HTML 4Page - ON Semiconductor MC10ELT24 Datasheet HTML 5Page - ON Semiconductor MC10ELT24 Datasheet HTML 6Page - ON Semiconductor MC10ELT24 Datasheet HTML 7Page - ON Semiconductor MC10ELT24 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC10ELT24, MC100ELT24
www.onsemi.com
8
PACKAGE DIMENSIONS
DFN8 2x2, 0.5P
CASE 506AA
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
NOTE 4
A1
SEATING
PLANE
e/2
e
8X
K
NOTE 3
b
8X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
L
0.25
0.35
1
4
8
5
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.50
0.50
8X
DIMENSIONS: MILLIMETERS
0.30
PITCH
8X
1
PACKAGE
OUTLINE
RECOMMENDED
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTION
DETAIL B
DETAIL A
L1
−−−
0.10
0.30 REF
0.90
1.30
MC10ELT24/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Số phần tương tự - MC10ELT24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24DG ONSEMI-MC10ELT24DG Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
More results

Mô tả tương tự - MC10ELT24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com