công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EL58DG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100EL58DG
Giải thích chi tiết về linh kiện  5.0V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL58DG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100EL58DG Datasheet HTML 1Page - ON Semiconductor MC100EL58DG Datasheet HTML 2Page - ON Semiconductor MC100EL58DG Datasheet HTML 3Page - ON Semiconductor MC100EL58DG Datasheet HTML 4Page - ON Semiconductor MC100EL58DG Datasheet HTML 5Page - ON Semiconductor MC100EL58DG Datasheet HTML 6Page - ON Semiconductor MC100EL58DG Datasheet HTML 7Page - ON Semiconductor MC100EL58DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10EL58/D
MC10EL58, MC100EL58
5.0V ECL 2:1 Multiplexer
Description
The MC10EL/100EL58 is a 2:1 multiplexer. The device is
functionally equivalent to the E158 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E158, the EL58 is ideally suited for those
applications which require the ultimate in AC performance.
The 100 Series contains temperature compensation.
Features
230 ps Propagation Delay
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on Da, Db, and SEL
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram and Pin Assignment
1
2
3
45
6
7
8
Q
VEE
VCC
Da
Q
Db
SEL
NC
1
MUX
0
MARKING DIAGRAMS*
KL58
ALYWG
G
SOIC−8NB
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KEL58
ALYW
G
1
8
HL58
ALYWG
G
1
8
HEL58
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
4Z = MC10
2O = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION


Số phần tương tự - MC100EL58DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EL58DG ONSEMI-MC100EL58DG Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com