công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10ELT21 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10ELT21
Giải thích chi tiết về linh kiện  5 V Differential PECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT21 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10ELT21 Datasheet HTML 1Page - ON Semiconductor MC10ELT21 Datasheet HTML 2Page - ON Semiconductor MC10ELT21 Datasheet HTML 3Page - ON Semiconductor MC10ELT21 Datasheet HTML 4Page - ON Semiconductor MC10ELT21 Datasheet HTML 5Page - ON Semiconductor MC10ELT21 Datasheet HTML 6Page - ON Semiconductor MC10ELT21 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 13
1
Publication Order Number:
MC10ELT21/D
MC10ELT21, MC100ELT21
5 V Differential PECL to
TTL Translator
Description
The MC10ELT/100ELT21 is a differential PECL to TTL translator.
Because PECL (Positive ECL) levels are used, only +5 V and ground
are required. The small outline 8-lead package and the single gate of
the ELT21 makes it ideal for those applications where space,
performance and low power are at a premium.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
3.5 ns Typical Propagation Delay
24 mA TTL Output
Flow Through Pinouts
Operating Range: VCC = 4.75 V to 5.25 V with GND = 0 V
Q Output Will Default LOW with Inputs Left Open or < 1.3 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYW
G
G
HT21
ALYW
G
G
KT21
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
8
HLT21
ALYW
G
1
8
KLT21
ALYW
G
1
8
(Note: Microdot may be in either location)


Số phần tương tự - MC10ELT21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21D ONSEMI-MC10ELT21D Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21D ONSEMI-MC10ELT21D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10ELT21DG ONSEMI-MC10ELT21DG Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
More results

Mô tả tương tự - MC10ELT21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com