công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EL58DTG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10EL58DTG
Giải thích chi tiết về linh kiện  5.0V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL58DTG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10EL58DTG Datasheet HTML 1Page - ON Semiconductor MC10EL58DTG Datasheet HTML 2Page - ON Semiconductor MC10EL58DTG Datasheet HTML 3Page - ON Semiconductor MC10EL58DTG Datasheet HTML 4Page - ON Semiconductor MC10EL58DTG Datasheet HTML 5Page - ON Semiconductor MC10EL58DTG Datasheet HTML 6Page - ON Semiconductor MC10EL58DTG Datasheet HTML 7Page - ON Semiconductor MC10EL58DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EL58, MC100EL58
www.onsemi.com
4
Table 6. 10EL SERIES NECL DC CHARACTERISTICS (VCC= 0.0 V; VEE= −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
14
17
14
17
14
17
mA
VOH
Output HIGH Voltage (Note 2)
−1080
−990
−890
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950
−1800
−1650
−1950
−1790
−1630
−1950
−1773
−1595
mV
VIH
Input HIGH Voltage
−1230
−890
−1130
−810
−1060
−720
mV
VIL
Input LOW Voltage
−1950
−1500
−1950
−1480
−1950
−1445
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.06 V / −0.5 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.
Table 7. 100EL SERIES PECL DC CHARACTERISTICS (VCC= 5.0 V; VEE= 0.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
14
17
14
17
16
19
mA
VOH
Output HIGH Voltage (Note 2)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.


Số phần tương tự - MC10EL58DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL58DTG ONSEMI-MC10EL58DTG Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com