công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E452 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC10E452
Giải thích chi tiết về linh kiện  5V ECL 5?륛it Differential Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC10E452_16 Datasheet HTML 1Page - ON Semiconductor MC10E452_16 Datasheet HTML 2Page - ON Semiconductor MC10E452_16 Datasheet HTML 3Page - ON Semiconductor MC10E452_16 Datasheet HTML 4Page - ON Semiconductor MC10E452_16 Datasheet HTML 5Page - ON Semiconductor MC10E452_16 Datasheet HTML 6Page - ON Semiconductor MC10E452_16 Datasheet HTML 7Page - ON Semiconductor MC10E452_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10E452, MC100E452
www.onsemi.com
3
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
PLCC−28
63.5
43.5
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
PLCC−28
22 to 26
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. 10E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
−40°C
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
74
89
74
89
74
89
74
89
mA
VOH
Output HIGH Voltage
(Note 2)
3980 4070 4160 4020 4105 4190 4090 4185 4280
mV
VOL
Output LOW Voltage
(Note 2)
3050 3210 3370 3050 3210 3370 3050 3227 3405
mV
VIH
Input HIGH Voltage
(Single-Ended)
3830 3995 4160 3870 4030 4190 3940 4110 4280
mV
VIL
Input LOW Voltage
(Single-Ended)
3050 3285 3520 3050 3285 3520 3050 3302 3555
mV
VBB
Output Voltage Reference
3.57
3.7
3.62
3.74
3.65
3.75
3.69
3.81
V
VIHCMR Input HIGH Voltage Common
Mode Range (Differen-
tial Configuration) (Note 3)
2.2
4.6
2.2
4.6
2.2
4.6
V
IIH
Input HIGH Current
150
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Số phần tương tự - MC10E452_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2G ONSEMI-MC10E452FNR2G Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com