công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EL04 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10EL04
Giải thích chi tiết về linh kiện  5V ECL 2?륤nput AND/NAND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL04 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10EL04_16 Datasheet HTML 1Page - ON Semiconductor MC10EL04_16 Datasheet HTML 2Page - ON Semiconductor MC10EL04_16 Datasheet HTML 3Page - ON Semiconductor MC10EL04_16 Datasheet HTML 4Page - ON Semiconductor MC10EL04_16 Datasheet HTML 5Page - ON Semiconductor MC10EL04_16 Datasheet HTML 6Page - ON Semiconductor MC10EL04_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC10EL04/D
MC10EL04, MC100EL04
5 V ECL 2‐Input AND/NAND
Description
The MC10EL/100EL04 is a 2-input AND/NAND gate. The device
is functionally equivalent to the E104 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E104, the EL04 is ideally suited for those
applications which require the ultimate in AC performance.
The 100 Series contains temperature compensation.
Features
240 ps Propagation Delay
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125, Oxygen Index 28 to 34
Transistor Count = 45 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
1
2
3
45
6
7
8
NC
D0
D1
NC
VEE
Q
Q
VCC
Figure 1. Logic Diagram and Pinout
PIN
FUNCTION
D0, D1
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
HEL04
ALYW
G
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
(Note: Microdot may be in either location)
KL04
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KEL04
ALYW
G
1
8
1
8
HL04
ALYWG
G
1
8
ORDERING INFORMATION
Device
Package
Shipping†
MC10EL04DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC10EL04DR2G
2500 Tape & Reel
MC100EL04DG
MC10EL04DTG
100 Units/Tube
TSSOP−8
(Pb-Free)
MC100EL04DTG
100 Units/Tube
SOIC−8 NB
TSSOP−8
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TSSOP−8
(Pb-Free)
98 Units/Tube
SOIC−8 NB
(Pb-Free)
SOIC−8 NB
(Pb-Free)
Y = Year
W = Work Week
G = Pb−Free Package
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot


Số phần tương tự - MC10EL04_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL04D ONSEMI-MC10EL04D Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10EL04D ONSEMI-MC10EL04D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL04DG ONSEMI-MC10EL04DG Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10EL04DR2 ONSEMI-MC10EL04DR2 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10EL04DR2G ONSEMI-MC10EL04DR2G Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
More results

Mô tả tương tự - MC10EL04_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05_16 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10EL05 ONSEMI-MC10EL05_16 Datasheet
169Kb / 8P
   5V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 7
MC100LVEL05 ONSEMI-MC100LVEL05_16 Datasheet
169Kb / 6P
   3.3V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 5
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com