công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100E195FNG bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC100E195FNG
Giải thích chi tiết về linh kiện  5V ECL Programmable Delay Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E195FNG bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC100E195FNG Datasheet HTML 3Page - ON Semiconductor MC100E195FNG Datasheet HTML 4Page - ON Semiconductor MC100E195FNG Datasheet HTML 5Page - ON Semiconductor MC100E195FNG Datasheet HTML 6Page - ON Semiconductor MC100E195FNG Datasheet HTML 7Page - ON Semiconductor MC100E195FNG Datasheet HTML 8Page - ON Semiconductor MC100E195FNG Datasheet HTML 9Page - ON Semiconductor MC100E195FNG Datasheet HTML 10Page - ON Semiconductor MC100E195FNG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC10E195, MC100E195
www.onsemi.com
7
VCCO
ADDRESS BUS (A0-A6)
A7
INPUT
D1
D0
LEN
VEE
IN
IN
VBB
VCC
VCCO
Q
Q
D1
D0
LEN
VEE
IN
IN
VBB
VCC
VCCO
Q
Q
VCCO
OUTPUT
E195
Chip #1
E195
Chip #2
Figure 3. Cascading Interconnect Architecture
Cascading Multiple E195’s
To increase the programmable range of the E195 internal
cascade circuitry has been included. This circuitry allows for
the cascading of multiple E195’s without the need for any
external gating. Furthermore this capability requires only
one more address line per added E195. Obviously cascading
multiple PDC’s will result in a larger programmable range
however this increase is at the expense of a longer minimum
delay.
Figure 3 illustrates the interconnect scheme for cascading
two E195’s. As can be seen, this scheme can easily be
expanded for larger E195 chains. The D7 input of the E195
is the cascade control pin. With the interconnect scheme of
Figure 3 when D7 is asserted it signals the need for a larger
programmable range than is achievable with a single device.
An expansion of the latch section of the block diagram is
pictured below. Use of this diagram will simplify the
explanation of how the cascade circuitry works. When D7
of chip #1 above is low the cascade output will also be low
while the cascade bar output will be a logical high. In this
condition the SET MIN pin of chip #2 will be asserted and
thus all of the latches of chip #2 will be reset and the device
will be set at its minimum delay. Since the RESET and SET
inputs of the latches are overriding any changes on the
A0−A6 address bus will not affect the operation of chip #2.
Chip #1 on the other hand will have both SET MIN and
SET MAX de-asserted so that its delay will be controlled
entirely by the address bus A0−A6. If the delay needed is
greater than can be achieved with 31.75 gate delays
(1111111 on the A0−A6 address bus) D7 will be asserted to
signal the need to cascade the delay to the next E195 device.
When D7 is asserted the SET MIN pin of chip #2 will be
de-asserted and the delay will be controlled by the A0−A6
address bus. Chip #1 on the other hand will have its SET
MAX pin asserted resulting in the device delay to be
independent of the A0−A6 address bus.
When the SET MAX pin of chip #1 is asserted the D0 and
D1 latches will be reset while the rest of the latches will be
set. In addition, to maintain monotonicity an additional gate
delay is selected in the cascade circuitry. As a result when D7
of chip #1 is asserted the delay increases from 31.75 gates
to 32 gates. A 32 gate delay is the maximum delay setting for
the E195.
To expand this cascading scheme to more devices one
simply needs to connect the D7 input and CASCADE
outputs of the current most significant E195 to the new most
significant E195 in the same manner as pictured in Figure 3.
The only addition to the logic is the increase of one line to
the address bus for cascade control of the second PDC.
SET MIN
SET MAX
TO SELECT MULTIPLEXERS
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
D0
Q0
LEN
Reset Reset
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
LEN
LEN
LEN
LEN
LEN
LEN
LEN
CASCADE
CASCADE
Figure 4. Expansion of the Latch Section of the E195 Block Diagram
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset


Số phần tương tự - MC100E195FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Mô tả tương tự - MC100E195FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com