công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E167 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC10E167
Giải thích chi tiết về linh kiện  5V ECL 6?륛it 2:1 MUX?륱egiste
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E167 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

  MC10E167_16 Datasheet HTML 1Page - ON Semiconductor MC10E167_16 Datasheet HTML 2Page - ON Semiconductor MC10E167_16 Datasheet HTML 3Page - ON Semiconductor MC10E167_16 Datasheet HTML 4Page - ON Semiconductor MC10E167_16 Datasheet HTML 5Page - ON Semiconductor MC10E167_16 Datasheet HTML 6Page - ON Semiconductor MC10E167_16 Datasheet HTML 7Page - ON Semiconductor MC10E167_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC10E167
www.onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC10E167/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.


Số phần tương tự - MC10E167_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E167FN ONSEMI-MC10E167FN Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNG ONSEMI-MC10E167FNG Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2 ONSEMI-MC10E167FNR2 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2G ONSEMI-MC10E167FNR2G Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10E167_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com