công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E164 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC10E164
Giải thích chi tiết về linh kiện  5V ECL 16:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E164 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC10E164 Datasheet HTML 1Page - ON Semiconductor MC10E164 Datasheet HTML 2Page - ON Semiconductor MC10E164 Datasheet HTML 3Page - ON Semiconductor MC10E164 Datasheet HTML 4Page - ON Semiconductor MC10E164 Datasheet HTML 5Page - ON Semiconductor MC10E164 Datasheet HTML 6Page - ON Semiconductor MC10E164 Datasheet HTML 7Page - ON Semiconductor MC10E164 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10E164, MC100E164
www.onsemi.com
6
Table 8. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
tPHL
Propagation Delay to Output
A to Q/Q, SELx to Q/Q
600
850
1100
600
850
1100
600
850
1100
ps
tSKEW
Within Device Skew (Note 2)
50
50
50
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Times
(20 - 80%)
275
400
550
275
400
550
275
400
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within Device skew is defined as the difference in the A to Q delay between the 16 different A inputs.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Số phần tương tự - MC10E164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
MC10E164 ONSEMI-MC10E164 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FN ONSEMI-MC10E164FN Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FNG ONSEMI-MC10E164FNG Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FNR2 ONSEMI-MC10E164FNR2 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com