công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E164 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10E164
Giải thích chi tiết về linh kiện  5V ECL 16:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E164 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10E164_16 Datasheet HTML 1Page - ON Semiconductor MC10E164_16 Datasheet HTML 2Page - ON Semiconductor MC10E164_16 Datasheet HTML 3Page - ON Semiconductor MC10E164_16 Datasheet HTML 4Page - ON Semiconductor MC10E164_16 Datasheet HTML 5Page - ON Semiconductor MC10E164_16 Datasheet HTML 6Page - ON Semiconductor MC10E164_16 Datasheet HTML 7Page - ON Semiconductor MC10E164_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10E164/D
MC10E164, MC100E164
5V ECL 16:1 Multiplexer
Description
The MC10E/100E164 is a 16:1 multiplexer with a differential
output. The select inputs (SEL0, 1, 2, 3 ) control which one of the
sixteen data inputs (A0 − A15) is propagated to the output.
Special attention to the design layout results in a typical skew
between the 16 inputs of only 50 ps.
The 100 Series contains temperature compensation.
Features
850 ps Data Input to Output
Differential Output
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating:
UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
Transistor Count = 213 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE164FNG
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E164FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E164FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
PLCC−28
(Pb-Free)
MC100E164FNR2G
500/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Số phần tương tự - MC10E164_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E164FN ONSEMI-MC10E164FN Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FNG ONSEMI-MC10E164FNG Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FNR2 ONSEMI-MC10E164FNR2 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164FNR2G ONSEMI-MC10E164FNR2G Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com