công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E137 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10E137
Giải thích chi tiết về linh kiện  5V ECL 8?륛it Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E137 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10E137_16 Datasheet HTML 1Page - ON Semiconductor MC10E137_16 Datasheet HTML 2Page - ON Semiconductor MC10E137_16 Datasheet HTML 3Page - ON Semiconductor MC10E137_16 Datasheet HTML 4Page - ON Semiconductor MC10E137_16 Datasheet HTML 5Page - ON Semiconductor MC10E137_16 Datasheet HTML 6Page - ON Semiconductor MC10E137_16 Datasheet HTML 7Page - ON Semiconductor MC10E137_16 Datasheet HTML 8Page - ON Semiconductor MC10E137_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10E137, MC100E137
www.onsemi.com
4
Table 4. 10E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
121
145
121
145
121
145
mA
VOH
Output HIGH Voltage (Note 2)
3980
40
70
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage (Single-Ended)
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage (Single-Ended)
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
VBB
Output Voltage Reference
3.62
3.73
3.65
3.75
3.69
3.81
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
2.2
4.6
2.2
4.6
2.2
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 5. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
121
145
121
145
121
145
mA
VOH
Output HIGH Voltage (Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage (Single-Ended)
−1170 −1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage (Single-Ended)
−1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445
mV
VBB
Output Voltage Reference
−1.38
−1.27
−1.35
−1.25
−1.31
−1.19
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
−2.8
−0.4
−2.8
−0.4
−2.8
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Số phần tương tự - MC10E137_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E137FN ONSEMI-MC10E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNR2 ONSEMI-MC10E137FNR2 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10E137_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com