công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100E016FNG bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC100E016FNG
Giải thích chi tiết về linh kiện  5.0VECL8?륛it Synchronous Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E016FNG bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC100E016FNG Datasheet HTML 3Page - ON Semiconductor MC100E016FNG Datasheet HTML 4Page - ON Semiconductor MC100E016FNG Datasheet HTML 5Page - ON Semiconductor MC100E016FNG Datasheet HTML 6Page - ON Semiconductor MC100E016FNG Datasheet HTML 7Page - ON Semiconductor MC100E016FNG Datasheet HTML 8Page - ON Semiconductor MC100E016FNG Datasheet HTML 9Page - ON Semiconductor MC100E016FNG Datasheet HTML 10Page - ON Semiconductor MC100E016FNG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC10E016, MC100E016
www.onsemi.com
9
APPLICATIONS INFORMATION (continued)
E016
MSB
CLK
TC
PE
CE
E016
CLK
TC
PE
CE
E016
CLK
TC
PE
CE
EL01
EL01
EL01
CLOCK
Q0 -> Q7
PO -> P7
Q0 -> Q7
PO -> P7
Q0 -> Q7
PO -> P7
Q0 -> Q7
PO -> P7
LO
E016
LSB
CLK
TC
PE
CE
Figure 6. 32-Bit Cascaded E016 Programmable Divider
OUT
Figure 6 shows a typical block diagram of a 32-bit divider
chain. Once again to maximize the frequency of operation
EL01 OR gates were used. For lower frequency applications
a slower OR gate could replace the EL01. Note that for a
16-bit divider the OR function feeding the PE (program
enable) input CANNOT be replaced by a wire OR tie as the
TC output of the least significant E016 must also feed the CE
input of the most significant E016. If the two TC outputs
were OR tied the cascaded count operation would not
operate properly. Because in the cascaded form the PE
feedback is external and requires external gating, the
maximum frequency of operation will be significantly less
than the same operation in a single device.
Maximizing E016 Count Frequency
The E016 device produces 9 fast transitioning
single-ended outputs, thus VCC noise can become
significant in situations where all of the outputs switch
simultaneously in the same direction. This VCC noise can
negatively impact the maximum frequency of operation of
the device. Since the device does not need to have the Q
outputs terminated to count properly, it is recommended that
if the outputs are not going to be used in the rest of the system
they should be left unterminated. In addition, if only a subset
of the Q outputs are used in the system only those outputs
should be terminated. Not terminating the unused outputs
will not only cut down the VCC noise generated but will also
save in total system power dissipation. Following these
guidelines will allow designers to either be more aggressive
in their designs or provide them with an extra margin to the
published data book specifications.
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Số phần tương tự - MC100E016FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100E016FNG ONSEMI-MC100E016FNG Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FNG ONSEMI-MC100E016FNG Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com