công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10E016FNG bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC10E016FNG bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 11 page MC10E016, MC100E016 www.onsemi.com 5 Table 7. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1)) 0°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 151 181 151 181 151 181 mA VOH Output HIGH Voltage (Note 2) −1020 −930 −840 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 2) −1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage −1170 −1005 −840 −1130 −970 −810 −1060 −890 −720 mV VIL Input LOW Voltage −1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.065 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. Table 8. 100E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1)) Symbol Characteristic 0°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 151 181 151 181 174 208 mA VOH Output HIGH Voltage (Note 2) 3975 4050 4120 3975 4050 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 2) 3190 3295 3380 3190 3255 3380 3190 3260 3380 mV VIH Input HIGH Voltage 3835 3975 4120 3835 3975 4120 3835 3975 4120 mV VIL Input LOW Voltage 3190 3355 3525 3190 3355 3525 3190 3355 3525 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.25 0.5 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. |
Số phần tương tự - MC10E016FNG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |