công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDG6317NZ bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDG6317NZ
Giải thích chi tiết về linh kiện  Dual 20v N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6317NZ bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDG6317NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG6317NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG6317NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG6317NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG6317NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDG6317NZ Rev B (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
13
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
± 12 V, V
DS = 0 V
± 10
µA
IGSS
Gate–Body Leakage
VGS =
± 4.5 V, V
DS = 0 V
± 1
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.6
1.2
1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
–2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 0.7 A
VGS = 2.5 V,
ID = 0.6 A
VGS = 4.5 V,
ID = 0.7 A, TJ=125°C
300
450
390
400
550
560
m
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
1
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 0.7 A
1.8
S
Dynamic Characteristics
Ciss
Input Capacitance
66.5
pF
Coss
Output Capacitance
19
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
10
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
5.8
Switching Characteristics
(Note 2)
td(on)
Turn–On Delay Time
5.5
11
ns
tr
Turn–On Rise Time
7
15
ns
td(off)
Turn–Off Delay Time
7.5
15
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V, RGEN = 6
2.5
5
ns
Qg
Total Gate Charge
0.76
1.1
nC
Qgs
Gate–Source Charge
0.18
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 0.7 A,
VGS = 4.5 V
0.20
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
0.25
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 0.25 A (Note 2)
0.8
1.2
V
trr
Diode Reverse Recovery Time
8.3
nS
Qrr
Diode Reverse Recovery Charge
IF = 0.7 A,
diF/dt = 100 A/µs
1.2
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design. RθJA = 415°C/W when mounted on a minimum pad .
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.


Số phần tương tự - FDG6317NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDG6316 FAIRCHILD-FDG6316 Datasheet
149Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDG6316P FAIRCHILD-FDG6316P Datasheet
149Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDG6316P VBSEMI-FDG6316P Datasheet
1Mb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
More results

Mô tả tương tự - FDG6317NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com