công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37C666GT bảng dữ liệu(PDF) 10 Page - SMSC Corporation

tên linh kiện FDC37C666GT
Giải thích chi tiết về linh kiện  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C666GT bảng dữ liệu(HTML) 10 Page - SMSC Corporation

Back Button FDC37C666GT Datasheet HTML 6Page - SMSC Corporation FDC37C666GT Datasheet HTML 7Page - SMSC Corporation FDC37C666GT Datasheet HTML 8Page - SMSC Corporation FDC37C666GT Datasheet HTML 9Page - SMSC Corporation FDC37C666GT Datasheet HTML 10Page - SMSC Corporation FDC37C666GT Datasheet HTML 11Page - SMSC Corporation FDC37C666GT Datasheet HTML 12Page - SMSC Corporation FDC37C666GT Datasheet HTML 13Page - SMSC Corporation FDC37C666GT Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
10
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
81
nRequest to
Send
Parallel Port
Configuration
Control
nRTS1
PCF1
O4
I
Active low Request to Send output for
Primary Serial Port.
Handshake output
signal notifies modem that the UART is
ready to transmit data. This signal can be
programmed by writing to bit 1 of Modem
Control Register (MCR).
The hardware
reset will reset the nRTS signal to inactive
mode (high).
Forced inactive during loop
mode operation.
FDC37C666GT (Adapter Mode): Parallel
Port Configuration Control 1. During reset
active this input is read and latched to
define the address of the Parallel Port.
91
nRequest to
Send
Secondary Serial
Port
Configuration
Control
nRTS2
S2CF0
O4
I
Active low Request to Send output for
Secondary Serial Port.
Handshake output
signal notifies modem that the UART is
ready to transmit data. This signal can be
programmed by writing to bit 1 of Modem
Control Register (MCR).
The hardware
reset will reset the nRTS signal to inactive
mode (high).
Forced inactive during loop
mode operation.
FDC37C666GT (Adapter Mode): Secondary
Serial Port Configuration Control 0. During
Reset active this input is read and latched to
define the address of the Secondary Serial
Port.


Số phần tương tự - FDC37C666GT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37C666GT SMSC-FDC37C666GT Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Mô tả tương tự - FDC37C666GT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT_07 Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com