công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12-SMAW-NH-E-OK bảng dữ liệu(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
|
SS12-SMAW-NH-E-OK bảng dữ liệu(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
2 / 3 page Production Data Sheet Niu Hang Electronic Co. Ltd http://www.dgniuhang.com Page: 2 of 3 Date:2014/10/20 Rev.:AA RATINGANDCHARACTERISTICCURVES Fig.1FORWARDCURRENTDERATINGCURVE Fig.4 TYPICAL JUNCTION CAPACITANCE Fig.3 TYPICAL REVERSE CHARACTERISTICS Fig.2-TYPICAL INSTANTANEOUS FORWARD Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT AMBIENT TEMPERATURE,( C) NUMBER OF CYCLES AT 60 Hz INSTANTANEOUS FORWARD VOLEAGE, VOLTS PERCENT OF PEAK REVERSE VOLTAGE,% REVERSE VOLTAGE,VOLTS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE t,PULSE DURATION,sec. SS12 THRU SS120 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 SS12-SS16 SS18-SS120 Single Phase Half Wave 60Hz Resistive or inductive Load 50 10.0 1 0.1 0.01 SS12-SS14 SS15-SS16 SS18-SS115 TJ=25 C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 SS120 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 TJ=75 C TJ=25 C TJ=100 C 0.1 1.0 10 100 2 20 200 400 TJ=25 C SS12-SS14 SS15-SS120 30 24 18 12 6 0 1 10 100 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 0.01 0.1 1 10 100 100 10 1 0.1 |
Số phần tương tự - SS12-SMAW-NH-E-OK |
|
Mô tả tương tự - SS12-SMAW-NH-E-OK |