công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDU4860S350-W bảng dữ liệu(PDF) 1 Page - XP Power Limited

tên linh kiện LDU4860S350-W
Giải thích chi tiết về linh kiện  LED Driver LDU Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU4860S350-W bảng dữ liệu(HTML) 1 Page - XP Power Limited

  LDU4860S350-W Datasheet HTML 1Page - XP Power Limited LDU4860S350-W Datasheet HTML 2Page - XP Power Limited LDU4860S350-W Datasheet HTML 3Page - XP Power Limited LDU4860S350-W Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
LED Driver
Constant Current Output
LED Drive Current up to 1000 mA
LED Strings from 2 V to 57 V
PWM & Analog Dimming Control
High Efficiency
up to 95%
Open or Short Circuit LED Protection
3 Year Warranty
LDU Series
Input
Input Voltage
• LDU08 & 24: 7-30 VDC
LDU48: 7-60 VDC
Input Filter
• Capacitor
Input Surge
• LDU08 & 24: 40 VDC for 0.5 s
LDU48: 65 VDC for 0.5 s
Output
Output Voltage
• See tables
(Vin must be at least 2 V greater than Vout)
Output Current
• See tables
Output Current Trim
• 25-100%
Output Current
• LDU08: ±6.0% max
Accuracy
LDU24: ±8.0% max
LDU48: ±8.0% max
Ripple & Noise
• LDU08: 200 mV pk-pk max
LDU24: 250 mV pk-pk max
(except 1000 mA units: 300mV pk-pk max)
LDU48: See tables
measured with 20 MHz bandwidth
Short Circuit Protection
• Current is limited to the rated output
Temperature
• LDU08: ±0.03%/°C max
Coefficient
LDU24: ±0.08%/°C max
LDU48: ±0.03%/°C max
Remote On/Off
• On = 0.3-1.25 V or open circuit
Off = ≤0.15 V (applied to control pin)
LDU08 & 24: Quiescent input current is
25 µA max,
LDU48: Quiescent input current is
100 µA max
Remote On/Off Signal
• 1 mA max
Current
Dimming
PWM
Output Current Range
• 25% to 100%
Operating Frequency
• 1 kHz max
On Time
• 200 ns min
Off Time
• 200 ns min
Amplitude
• 1.25 V max
DC Voltage Control
Output Current Range
• 25% to 100%
Control Input
• 0.3 to 1.25 V max
Variable Resistor
Output Current Range
• 25% to 100%
xppower.com
General
Efficiency
• See tables
Switching Frequency
• LDU08: 40-380 kHz variable
LDU24: 50-330 kHz variable
LDU48: 20-500 kHz variable
MTBF
• LDU08: >1.6 MHrs
LDU24: >1.6 MHrs
LDU48: >950 KHrs
to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• LDU08: -40 °C to +85 °C,
LDU24: -40 °C to +85 °C,
LDU24 1000 mA unit: -40 °C to +70 °C,
LDU48: See derating curves
Case Temperature
• LDU08 & 24: +100 °C max
LDU48: +110 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95%, non-condensing
Thermal Impedance
• 35-50 °C/W model dependant
Ingress Protection
• IP67 (wired versions)
Rating
EMC
Emissions
• EN55022 class B conducted & radiated
with external components - see
application notes
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 2 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A


Số phần tương tự - LDU4860S350-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
More results

Mô tả tương tự - LDU4860S350-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
LDU2030S500 XPPOWER-LDU2030S500 Datasheet
114Kb / 2P
   LED Driver LDU20 Series
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
   LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
   LED Driver DALI Performance Series
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com