công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MC33269DTRK-012G Datasheet(PDF) 6 Page - ON Semiconductor

tên linh kiện MC33269DTRK-012G
Nội dung chi tiết  Adjustable Output Low Dropout Voltage Regulator
tải về  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo 

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
6
APPLICATIONS INFORMATION
Figures 11 through 15 are typical application circuits. The
output current capability of the regulator is in excess of
800 mA, with a typical dropout voltage of less than 1.0 V.
Internal protective features include current and thermal
limiting.
* The MC33269 requires an external output capacitor for
stability. The capacitor should be at least 10
mF with an
equivalent series resistance (ESR) of less than 10
W but
greater than 0.2
W over the anticipated operating
temperature range. With economical electrolytic capacitors,
cold temperature operation can pose a problem. As
temperature decreases, the capacitance also decreases and
the ESR increases, which could cause the circuit to oscillate.
Also capacitance and ESR of a solid tantalum capacitor is
more stable over temperature. The use of a low ESR ceramic
capacitor placed within close proximity to the output of the
device could cause instability.
** An input bypass capacitor is recommended to improve
transient response or if the regulator is connected to the
supply input filter with long wire lengths. This will reduce
the circuit’s sensitivity to the input line impedance at high
frequencies. A 0.33
mF or larger tantalum, mylar, ceramic,
or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should
be mounted with shortest possible lead or track length
directly across the regulator’s input terminals. Applications
should be tested over all operating conditions to insure
stability.
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
170
°C, the output is disabled. There is no hysteresis built
into the thermal limiting circuit. As a result, if the device is
overheating, the output will appear to be oscillating. This
feature is provided to prevent catastrophic failures from
accidental device overheating. It is not intended to be used
as a substitute for proper heat−sinking.
Figure 11. Typical Fixed Output Application
MC33269-XX
Vin
Vout
GND
Co
10
mF
An input capacitor is not necessary for stability, however
it will improve the overall performance.
Figure 12. Typical Adjustable Output Application
MC33269
Vin
Vout
Adj
Co
10
mF
CAdj***
R1
R2
***CAdj is optional, however it will improve the ripple rejection.
The MC34269 develops a 1.25 V reference voltage between the
output and the adjust terminal. Resistor R1, operates with
constant current to flow through it and resistor R2. This current
should be set such that the Adjust Pin current causes negligible
drop across resistor R2. The total current with minimum load
should be greater than 8.0 mA.
Figure 13. Current Regulator
MC33269
Vin
Iout
Adj
RS
Iout +
Figure 14. Battery Backed−Up Power Supply
MC33269-XX
Vin
Vout
MC33269-XX
GND
Co
10
mF
Figure 15. Digitally Controlled Voltage Regulator
MC33269
Vin
Vout
Adj
Co
10
mF
R1
R2
R2 sets the maximum output voltage. Each transistor
reduces the output voltage when turned on.
The Schottky diode in series with the ground leg of the upper
regulator shifts its output voltage higher by the forward
voltage drop of the diode. This will cause the lower device
to remain off until the input voltage is removed.
Vout + 1.25 1 )
R2
R1
) I
Adj
R2
1.25
R
S
Cin
Cin
Cin
Co
10
mF
Cin
Cin
GND
Cin
**
**
**
**
**
**
*
*
*
*
*



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn