công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM1117IDT-3.3 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM1117IDT-3.3 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
4 / 21 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Maximum Input Voltage (V IN to GND) 20V Power Dissipation (Note 2) Internally Limited Junction Temperature (T J) (Note 2) 150˚C Storage Temperature Range -65˚C to 150˚C Lead Temperature TO-220 (T) Package 260˚C, 10 sec SOT-223 (IMP) Package 260˚C, 4 sec ESD Tolerance (Note 3) 2000V Operating Ratings (Note 1) Input Voltage (V IN to GND) 15V Junction Temperature Range (T J)(Note 2) LM1117 0˚C to 125˚C LM1117I −40˚C to 125˚C LM1117 Electrical Characteristics Typicals and limits appearing in normal type apply for T J = 25˚C. Limits appearing in Boldface type apply over the entire junc- tion temperature range for operation, 0˚C to 125˚C. Symbol Parameter Conditions Min (Note 5) Typ (Note 4) Max (Note 5) Units V REF Reference Voltage LM1117-ADJ I OUT = 10mA, VIN-VOUT = 2V, TJ = 25˚C 10mA ≤ I OUT ≤ 800mA, 1.4V ≤ V IN-VOUT ≤ 10V 1.238 1.225 1.250 1.250 1.262 1.270 V V V OUT Output Voltage LM1117-1.8 I OUT = 10mA, VIN = 3.8V, TJ = 25˚C 0 ≤ I OUT ≤ 800mA, 3.2V ≤ V IN ≤ 10V 1.782 1.746 1.800 1.800 1.818 1.854 V V LM1117-2.5 I OUT = 10mA, VIN = 4.5V, TJ = 25˚C 0 ≤ I OUT ≤ 800mA, 3.9V ≤ V IN ≤ 10V 2.475 2.450 2.500 2.500 2.525 2.550 V V LM1117-2.85 I OUT = 10mA, VIN = 4.85V, TJ = 25˚C 0 ≤ I OUT ≤ 800mA, 4.25V ≤ V IN ≤ 10V 0 ≤ I OUT ≤ 500mA, V IN = 4.10V 2.820 2.790 2.790 2.850 2.850 2.850 2.880 2.910 2.910 V V V LM1117-3.3 I OUT = 10mA, VIN =5VTJ = 25˚C 0 ≤ I OUT ≤ 800mA, 4.75V≤ V IN ≤ 10V 3.267 3.235 3.300 3.300 3.333 3.365 V V LM1117-5.0 I OUT = 10mA, VIN = 7V, TJ = 25˚C 0 ≤ I OUT ≤ 800mA, 6.5V ≤ V IN ≤ 12V 4.950 4.900 5.000 5.000 5.050 5.100 V V ∆V OUT Line Regulation (Note 6) LM1117-ADJ I OUT = 10mA, 1.5V ≤ V IN-VOUT ≤ 13.75V 0.035 0.2 % LM1117-1.8 I OUT = 0mA, 3.2V ≤ V IN ≤ 10V 1 6 mV LM1117-2.5 I OUT = 0mA, 3.9V ≤ V IN ≤ 10V 1 6 mV LM1117-2.85 I OUT = 0mA, 4.25V ≤ V IN ≤ 10V 1 6 mV LM1117-3.3 I OUT = 0mA, 4.75V ≤ V IN ≤ 15V 1 6 mV LM1117-5.0 I OUT = 0mA, 6.5V ≤ V IN ≤ 15V 1 10 mV www.national.com 4 |
Số phần tương tự - LM1117IDT-3.3 |
|
Mô tả tương tự - LM1117IDT-3.3 |