công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33274ADTBR2G bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC33274ADTBR2G
Giải thích chi tiết về linh kiện  Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274ADTBR2G bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC33274ADTBR2G Datasheet HTML 4Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 5Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 6Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 7Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 8Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 9Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 10Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 11Page - ON Semiconductor MC33274ADTBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
8
CL = 10 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
VCC = +15 V
VEE = -15 V
1A
2A
2B
1B
Figure 20. Voltage Gain and Phase
versus Frequency
Figure 21. Gain and Phase
versus Frequency
Figure 22. Open Loop Voltage Gain and
Phase versus Frequency
Figure 23. Open Loop Gain Margin and Phase
Margin versus Output Load Capacitance
Figure 24. Open Loop Gain Margin
versus Temperature
Figure 25. Phase Margin versus Temperature
f, FREQUENCY (Hz)
25
20
15
10
5.0
0
-10
-15
-20
-25
-5.0
100 k
1.0 M
10 M
100 M
Gain
Phase
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
TA = 25°C
f, FREQUENCY (Hz)
25
20
15
10
5.0
0
-10
-15
-20
-25
-5.0
100 k
1.0 M
10 M
100 M
TA = 25°C
CL = 0 pF
1A - Phase VCC = 18 V, VEE = -18 V
2A - Phase VCC = 1.5 V, VEE = -1.5 V
1B - Gain VCC = 18 V, VEE = -18 V
2B - Gain VCC = 1.5 V, VEE = -1.5 V
1A
2A
1B
2B
f, FREQUENCY (MHz)
20
10
0
-10
-20
-30
3.0
4.0
6.0
8.0
10
20
30
VCC = +15 V
VEE = -15 V
Vout = 0 V
TA = 25°C
1A - Phase (RL = 2.0 kW)
2A - Phase (RL = 2.0 kW, CL = 300 pF)
1B - Gain (RL = 2.0 kW)
2B - Gain (RL = 2.0 kW, CL = 300 pF)
CL, OUTPUT LOAD CAPACITANCE (pF)
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
Vin
-
+
VO
CL
2.0 k
W
Gain Margin
Phase Margin
VCC = +15 V
VEE = -15 V
VO = 0 V
TA, AMBIENT TEMPERATURE (°C)
12
10
8.0
6.0
4.0
2.0
0
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
60
50
40
30
20
10
0
-55
-25
0
25
50
75
100
125
CL = 10 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
VCC = +15 V
VEE = -15 V
80
100
120
140
160
180
200
220
240
260
280
80
100
120
140
160
180
200
220
240
100
120
140
160
180
200
220
240
280
260
0
10
20
30
40
50


Số phần tương tự - MC33274ADTBR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33274AD ONSEMI-MC33274AD Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33274AD ONSEMI-MC33274AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274AD ONSEMI-MC33274AD Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33274ADG ONSEMI-MC33274ADG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274ADR2 ONSEMI-MC33274ADR2 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
More results

Mô tả tương tự - MC33274ADTBR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com