công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33274ADR2G bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC33274ADR2G
Giải thích chi tiết về linh kiện  Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274ADR2G bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC33274ADR2G Datasheet HTML 3Page - ON Semiconductor MC33274ADR2G Datasheet HTML 4Page - ON Semiconductor MC33274ADR2G Datasheet HTML 5Page - ON Semiconductor MC33274ADR2G Datasheet HTML 6Page - ON Semiconductor MC33274ADR2G Datasheet HTML 7Page - ON Semiconductor MC33274ADR2G Datasheet HTML 8Page - ON Semiconductor MC33274ADR2G Datasheet HTML 9Page - ON Semiconductor MC33274ADR2G Datasheet HTML 10Page - ON Semiconductor MC33274ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
7
TA = 125°C
VCC = +15 V
VEE = -15 V
DVCC = ±1.5 V
TA = -55°C
VCC
VEE
ADM
-
+
+PSR = 20Log
DVO
DVO/ADM
DVCC
Figure 14. Positive Power Supply Rejection
versus Frequency
Figure 15. Negative Power Supply Rejection
versus Frequency
Figure 16. Output Short Circuit Current
versus Temperature
Figure 17. Supply Current versus
Supply Voltage
Figure 18. Normalized Slew Rate
versus Temperature
Figure 19. Gain Bandwidth Product
versus Temperature
f, FREQUENCY (Hz)
120
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1 .0 M
f, FREQUENCY (Hz)
120
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1.0 M
TA = 125°C
DVCC = ±1.5 V
VCC = +15 V
VEE = -15 V
TA = -55°C
TA, AMBIENT TEMPERATURE (°C)
60
50
40
30
20
10
0
-55
-25
0
25
50
75
100
125
Source
Sink
Sink
Source
VCC = +15 V
VEE = -15 V
VID = ±1.0 V
RL < 100 W
VCC, |VEE| , SUPPLY VOLTAGE (V)
11
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
TA = +125°C
TA = +25°C
TA = -55°C
TA, AMBIENT TEMPERATURE (°C)
1.15
1.1
1.05
1.0
0.95
0.9
0.85
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
DVin = 20 V
TA, AMBIENT TEMPERATURE (°C)
50
40
30
20
10
0
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
f = 100 kHz
RL = 2.0 kW
CL = 0 pF
VCC
VEE
ADM
-
+
-PSR = 20Log
DVO
DVO/ADM
DVEE
VO
100 pF
2.0k
W
DVin
-
+


Số phần tương tự - MC33274ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33274ADR2G ONSEMI-MC33274ADR2G Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274ADR2G ONSEMI-MC33274ADR2G Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
More results

Mô tả tương tự - MC33274ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com