công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10E1652FNG bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC10E1652FNG bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC10E1652 http://onsemi.com 5 APPLICATIONS INFORMATION The timing diagram (Figure 5.) is presented to illustrate the MC10E1652’s compare and latch features. When the signal on the LEN pin is at a logic high level, the device is operating in the “compare mode,” and the signal on the input arrives at the output after a nominal propagation delay (tPHL, tPLH). The input signal must be asserted for a time, ts, prior to the negative going transition on LEN and held for a time, th, after the LEN transition. After time th, the latch is operating in the “latch mode,” thus transitions on the input do not appear at the output. The device continues to operate in the “latch mode” until the latch is asserted once again. Moreover, the LEN pulse must meet the minimum pulse width (tpw) requirement to effect the correct input-output relationship. Note that the LEN waveform in Figure 5. shows the LEN signal swinging around a reference labeled VBBINT; this waveform emphasizes the requirement that LEN follow typical ECL 10KH logic levels because VBBINT is the internally generated reference level, hence is nominally at the ECL VBB level. Finally, VOD is the input voltage overdrive and represents the voltage level beyond the threshold level (VTHR) to which the input is driven. As an example, if the threshold level is set on one of the comparator inputs as 80 mV and the input signal swing on the complementary input is from zero to 100 mV, the positive going overdrive would be 20 mV and the negative going overdrive would be 80 mV. The result of differing overdrive levels is that the devices have shorter propagation delays with greater overdrive because the threshold level is crossed sooner than the case of lower overdrive levels. Typically, semiconductor manufactures refer to the threshold voltage as the input offset voltage (VOS) since the threshold voltage is the sum of the externally supplied reference voltage and inherent device offset voltage. Figure 5. Input/Output Timing Diagram Q Q VTHR V LEN VBBINT VOD tpw th ts tPHL tPLH(LEN) VIN |
Số phần tương tự - MC10E1652FNG |
|
Mô tả tương tự - MC10E1652FNG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |