công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E1651 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC10E1651
Giải thích chi tiết về linh kiện  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC10E1651_13 Datasheet HTML 1Page - ON Semiconductor MC10E1651_13 Datasheet HTML 2Page - ON Semiconductor MC10E1651_13 Datasheet HTML 3Page - ON Semiconductor MC10E1651_13 Datasheet HTML 4Page - ON Semiconductor MC10E1651_13 Datasheet HTML 5Page - ON Semiconductor MC10E1651_13 Datasheet HTML 6Page - ON Semiconductor MC10E1651_13 Datasheet HTML 7Page - ON Semiconductor MC10E1651_13 Datasheet HTML 8Page - ON Semiconductor MC10E1651_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E1651
http://onsemi.com
6
DELAY DISPERSION
Under a constant set of input conditions comparators have
a specified nominal propagation delay. However, since
propagation delay is a function of input slew rate and input
voltage overdrive the delay dispersion parameters, TDE and
TDT, are provided to allow the user to adjust for these
variables (where TDE and TDT apply to inputs with standard
ECL and TTL levels, respectively).
Figure 4 and Figure 5 define a range of input conditions
which incorporate varying input slew rates and input voltage
overdrive. For input parameters that adhere to these
constraints the propagation delay can be described as:
TNOM ± TDE (or TDT)
where TNOM is the nominal propagation delay. TNOM
accounts for nonuniformity introduced by temperature and
voltage variability, whereas the delay dispersion parameter
takes into consideration input slew rate and input voltage
overdrive variability. Thus a modified propagation delay can
be approximated to account for the effects of input conditions
that differ from those under which the parts where tested. For
example, an application may specify an ECL input with a
slew rate of 0.25 V/NS, an overdrive of 17 mV and a
temperature of 25
°C, the delay dispersion parameter would
be 100 ps. The modified propagation delay would be
775 ps
± 100 ps
Figure 4. ECL Dispersion Test Input Conditions
Figure 5. TTL Dispersion Test Input Conditions
0 V
0.5 V
2.0 V
2.5 V
- 1.75 V
- 1.58 V
- 1.07 V
-0.9 V
SLEW RATE = 0.75 V/NS
SLEW RATE = 0.75 V/NS
SLEW RATE =
0.25 V/NS
SLEW RATE =
0.30 V/NS
INPUT
THRESHOLD
RANGE
INPUT
THRESHOLD
RANGE


Số phần tương tự - MC10E1651_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2 ONSEMI-MC10E1651FNR2 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2G ONSEMI-MC10E1651FNR2G Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651L ONSEMI-MC10E1651L Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10E1651_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com