công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV981 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
LMV981 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 21 page LMV981, LMV982 www.onsemi.com 2 PIN CONNECTIONS (Top View) SC70−6* +IN VEE −IN VCC OUT − + 2 1 3 6 4 OUT A 1 2 3 4 −+ +− 10 9 8 7 IN A− IN A+ VEE VCC OUT B IN B− IN B+ A B Micro10* (Top View) 5 SHDN 5 6 SHDN A SHDN B ULLGA8/QFN VEE 1 2 3 4 8 7 5 6 IN+ IN− VCC SHDN OUT NC VEE NC − No internal connection (Top View) + − 12 5 4 3 8 9 10 76 (Top View) +INB SHDN B SHDN A −INB OUTB VEE +INA −INA OUTA VCC UQFN10 − + + − *Consult sales for package availability MAXIMUM RATINGS Symbol Rating Value Unit VS Supply Voltage (Operating Range VS = 2.7 V to 5.5 V) 5.5 V VIDR Input Differential Voltage $Supply Voltage V VICR Input Common Mode Voltage Range −0.5 to (V+) + 0.5 V Maximum Input Current 10 mA tSo Output Short Circuit (Note 1) Continuous TJ Maximum Junction Temperature (Operating Range −40 °C to 85°C) 150 °C qJA Thermal Resistance SC−70 ULLGA8 Micro10 UQFN10 280 340 200 300 °C/W Tstg Storage Temperature (SOT23−6) −65 to 150 °C Mounting Temperature (Infrared or Convection −30 sec) 260 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. ESD data available upon request. 1. Continuous short−circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150 °C. Output currents in excess of 45 mA over long term may adversely affect reliability. Shorting output to either V+ or V− will adversely affect reliability. |
Số phần tương tự - LMV981 |
|
Mô tả tương tự - LMV981 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |