công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX1203A bảng dữ liệu(PDF) 10 Page - Keysight Technologies

tên linh kiện CX1203A
Giải thích chi tiết về linh kiện  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1203A bảng dữ liệu(HTML) 10 Page - Keysight Technologies

Back Button CX1203A Datasheet HTML 6Page - Keysight Technologies CX1203A Datasheet HTML 7Page - Keysight Technologies CX1203A Datasheet HTML 8Page - Keysight Technologies CX1203A Datasheet HTML 9Page - Keysight Technologies CX1203A Datasheet HTML 10Page - Keysight Technologies CX1203A Datasheet HTML 11Page - Keysight Technologies CX1203A Datasheet HTML 12Page - Keysight Technologies CX1203A Datasheet HTML 13Page - Keysight Technologies CX1203A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
Automatic Power and Current Profiler can eliminate time-consuming
power and current profile analysis.
Analysis of power or current profile is essential in order to know how much current is
consumed at a certain event or status, but it is time-consuming process. This profiler
automatically draws lines in the time scale by the vertical level difference and instantly
calculates key parameters such as average current, max./min. current, accumulated
charge, etc. for each segment in the adjacent table. You can also manually adjust the
segment according to your measured profile.
Executing user calibration before a measurement ensures that you can
make full use of the CX3300’s superior performance.
For low-level current measurements it is important to set “zero current” level before the
measurement. The CX3300 series mainframe features easy-to-use calibration capability
including mainframe and a current sensor connected. It can also calibrate with a passive
probe for more accurate dynamic power measurements.
An upgradable mainframe allows you to purchase the current most
affordable CX3300 series without sacrificing future measurement needs.
The CX3300 mainframe has the following options, allowing you to choose the best
specifications according to your budget and application needs.
– A two-channel model (CX3322A) and a four-channel model (CX3324A) 1
– Three maximum bandwidth options: 50 MHz, 100 MHz and 200 MHz
– Three memory depth options per channel: 16 Mpts, 64 Mpts and 256 Mpts
These upgrade license products are available for you to easily and quickly enhance the
bandwidth and the memory depth of the mainframe that you have previously purchased.
Please see the “CX3300 Series Configuration Guide” in detail.
1. Number of channels is not upgradable.
Figures 20a and 20b. Automatic Power and Current Profiler (20a) and the report table (20b)
Figure 21. Aux Out is used in the calibration
procedure for each channel by connecting the
sensors and probe adapter. As the connection
cable is included in the mainframe, you can
immediately start the User Calibration.
(20a)
(20b)


Số phần tương tự - CX1203A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Continental Device Indi...
CX1206MKNP00BB0 CDIL-CX1206MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

Mô tả tương tự - CX1203A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com