công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM293DG bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện LM293DG
Giải thích chi tiết về linh kiện  Low Offset Voltage Dual Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM293DG bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button LM293DG Datasheet HTML 2Page - ON Semiconductor LM293DG Datasheet HTML 3Page - ON Semiconductor LM293DG Datasheet HTML 4Page - ON Semiconductor LM293DG Datasheet HTML 5Page - ON Semiconductor LM293DG Datasheet HTML 6Page - ON Semiconductor LM293DG Datasheet HTML 7Page - ON Semiconductor LM293DG Datasheet HTML 8Page - ON Semiconductor LM293DG Datasheet HTML 9Page - ON Semiconductor LM293DG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM393, LM393E, LM293, LM2903, LM2903E, LM2903V, NCV2903
www.onsemi.com
7
ORDERING INFORMATION
Device
Operating Temperature
Range
Package
Shipping
LM293DG
−25
°C to +85°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM293DR2G
2500 / Tape & Reel
LM293DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM393DG
0
°C to +70°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM393DR2G
2500 / Tape & Reel
LM393EDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM393NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM393DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM2903DG
−40
°C to +105°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2903DR2G
2500 / Tape & Reel
LM2903EDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM2903DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM2903NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2903VDG
−40
°C to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2903VDR2G
2500 / Tape & Reel
LM2903VNG
PDIP−8
(Pb−Free)
50 Units / Rail
NCV2903DR2G*
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV2903DMR2G*
Micro8
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Số phần tương tự - LM293DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM293DG ONSEMI-LM293DG Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM293DG ONSEMI-LM293DG Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
logo
Texas Instruments
LM293DG4 TI-LM293DG4 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM293DG4 TI-LM293DG4 Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM293DG4 TI-LM293DG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Mô tả tương tự - LM293DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM393S ONSEMI-LM393S Datasheet
83Kb / 6P
   Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
LM393 ONSEMI-LM393_V01 Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
   LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM393 ONSEMI-LM393 Datasheet
115Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com