công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W-6238TD-GT3 bảng dữ liệu(PDF) 3 Page - Copal Electronics

tên linh kiện W-6238TD-GT3
Giải thích chi tiết về linh kiện  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6238TD-GT3 bảng dữ liệu(HTML) 3 Page - Copal Electronics

  W-6238TD-GT3 Datasheet HTML 1Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 2Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 3Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 4Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 5Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 6Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 7Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 8Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W-6238
© NIDEC COPAL ELECTRONICS CORP.
3
Doc. No. MD-5019 Rev. D
Characteristics subject to change without notice
PIN DESCRIPTION
VIN is the supply input for the internal logic. The
device is compatible with supply voltages down to
2.8V and up to 5.5V. It is recommended that a small
bypass ceramic capacitor (4.7µF) be placed between
the VIN and GND pins near the device. If the supply
voltage drops below 1.9V, the device stops switching.
SHDN
¯¯¯¯¯ is the shutdown logic input. When the pin is
tied to a voltage lower than 0.4V, the device is in
shutdown mode, drawing nearly zero current. When
the pin is connected to a voltage higher than 1.5V, the
device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground plane on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and
the Schottky diode anode should be connected to the
SW pin. Traces going to the SW pin should be as
short as possible with minimum loop area. An over-
voltage detection circuit is connected to the SW pin.
When the voltage reaches 40V, the device enters a
low power operating mode preventing the SW voltage
from exceeding the maximum rating.
FB feedback pin is regulated at 0.3V. A resistor
connected between the FB pin and ground sets the
LED current according to the formula:
ILED = 0.3V/R1
The lower LED cathode is connected to the FB pin.
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
¯¯¯¯¯
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.
BLOCK DIAGRAM
VIN
VIN
Enable
Current
Sense
300mV
R1
15
LED
Current
4.7µF
C1
RC
N1
RS
CC
SHDN
Thermal
Shutdown
& UVLO
Vref
1MHz
Oscillator
Over Voltage
Protection
PWM &
Logic
Driver
0.22µF
C2
GND
SW
FB
47µH
+
A1
A2


Số phần tương tự - W-6238TD-GT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Copal Electronics
W-6237 COPAL-W-6237 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-3 COPAL-W-6237TD-3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-G3 COPAL-W-6237TD-G3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-GT COPAL-W-6237TD-GT Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-T COPAL-W-6237TD-T Datasheet
209Kb / 13P
   High Voltage CMOS Boost
More results

Mô tả tương tự - W-6238TD-GT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com