công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W-6238TD-GT3 bảng dữ liệu(PDF) 8 Page - Copal Electronics

tên linh kiện W-6238TD-GT3
Giải thích chi tiết về linh kiện  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6238TD-GT3 bảng dữ liệu(HTML) 8 Page - Copal Electronics

Back Button W-6238TD-GT3 Datasheet HTML 4Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 5Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 6Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 7Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 8Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 9Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 10Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 11Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 12Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W-6238
Doc. No. MD-5019 Rev. D
8
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
APPLICATION INFORMATION
External Component Selection
Capacitors
The W-6238 only requires small ceramic capacitors
of 4.7µF on the input and 0.22µF on the output. Under
normal condition, a 4.7µF input capacitor is sufficient.
For applications with higher output power, a larger
input capacitor of 10µF may be appropriate. X5R and
X7R capacitor types are ideal due to their stability
across temperature range.
Inductor
A 47µH inductor is recommended for most of the
W-6238 applications. In cases where the efficiency
is critical, inductances with lower series resistance are
preferred. Inductors with current rating of 300mA or
higher are recommended for most applications.
Sumida CDC5D23B-470 47µH inductor has a rated
current of 490mA and a series resistance (D.C.R.) of
420m
typical.
Schottky Diode
The current rating of the Schottky diode must exceed
the peak current flowing through it. The Schottky
diode performance is rated in terms of its forward
voltage at a given current. In order to achieve the best
efficiency, this forward voltage should be as low as
possible. The response time is also critical since the
driver is operating at 1MHz. Central Semiconductor
Schottky
diode
CMDSH05-4
(500mA
rated)
is
recommended for most applications.
LED Current Setting
The LED current is set by the external resistor R1
connected between the feedback pin (FB) and
ground. The formula below gives the relationship
between the resistor and the current:
R1 = 0.3V/LED current
LED current (mA)
R1 ( )
560
10
30
15
20
20
15
25
12
30
10
Table 1. Resistor R1 and LED current


Số phần tương tự - W-6238TD-GT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Copal Electronics
W-6237 COPAL-W-6237 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-3 COPAL-W-6237TD-3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-G3 COPAL-W-6237TD-G3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-GT COPAL-W-6237TD-GT Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-T COPAL-W-6237TD-T Datasheet
209Kb / 13P
   High Voltage CMOS Boost
More results

Mô tả tương tự - W-6238TD-GT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com