công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W-6237 bảng dữ liệu(PDF) 3 Page - Copal Electronics

tên linh kiện W-6237
Giải thích chi tiết về linh kiện  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237 bảng dữ liệu(HTML) 3 Page - Copal Electronics

  W-6237 Datasheet HTML 1Page - Copal Electronics W-6237 Datasheet HTML 2Page - Copal Electronics W-6237 Datasheet HTML 3Page - Copal Electronics W-6237 Datasheet HTML 4Page - Copal Electronics W-6237 Datasheet HTML 5Page - Copal Electronics W-6237 Datasheet HTML 6Page - Copal Electronics W-6237 Datasheet HTML 7Page - Copal Electronics W-6237 Datasheet HTML 8Page - Copal Electronics W-6237 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
W-6237
3
Table 3. DC ELECTRICAL CHARACTERISTICS
(VIN = 3.6 V, ambient temperature of 25 C (over recommended operating conditions unless otherwise specified))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.2 V
VFB = 0.4 V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN = 0 V
0.1
1
A
VFB
FB Pin Voltage
8 LEDs with ILED = 20 mA
285
300
315
mV
IFB
FB pin input leakage
1
A
ILED
Programmed LED Current
R1 = 10
R1 = 15
R1 = 20
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN Logic High
SHDN Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
ILIM
Switch Current Limit
350
450
600
mA
RSW
Switch “On” Resistance
ISW = 100 mA
1.0
2.0
ILEAK
Switch Leakage Current
Switch Off, VSW = 5 V
1
5
A
Thermal Shutdown
150
C
Thermal Hysteresis
20
C
VUVLO
Undervoltage Lockout (UVLO) Threshold
1.9
V
VOV-SW
Overvoltage Threshold
35
V
Pin Description
VIN is the supply input for the internal logic. The device is
compatible with supply voltages down to 2.8 V and up to
5.5 V. It is recommended that a small bypass ceramic
capacitor (4.7 F) be placed between the VIN and GND pins
near the device. If the supply voltage drops below 1.9 V, the
device stops switching.
SHDN
is the shutdown logic input. When the pin is tied to
a voltage lower than 0.4 V, the device is in shutdown mode,
drawing nearly zero current. When the pin is connected to a
voltage higher than 1.5 V, the device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground place on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and the
Schottky diode anode should be connected to the SW pin.
Traces going to the SW pin should be as short as possible
with minimum loop area. An over-voltage detection circuit
is connected to the SW pin. When the voltage reaches 35 V,
the device enters a low power operating mode preventing the
SW voltage from exceeding the maximum rating.
FB feedback pin is regulated at 0.3 V. A resistor connected
between the FB pin and ground sets the LED current
according to the formula:
I
LED
0.3 V
R
1
The lower LED cathode is connected to the FB pin.
Table 4. PIN DESCRIPTIONS
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.


Số phần tương tự - W-6237

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

Mô tả tương tự - W-6237

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com