công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W-5200TDI-G3 bảng dữ liệu(PDF) 8 Page - Copal Electronics

tên linh kiện W-5200TDI-G3
Giải thích chi tiết về linh kiện  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200TDI-G3 bảng dữ liệu(HTML) 8 Page - Copal Electronics

Back Button W-5200TDI-G3 Datasheet HTML 3Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 4Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 5Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 6Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 7Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 8Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 9Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 10Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W-5200 5
8
Application Information
Ceramic Capacitors
Ceramic capacitors of different dielectric materials lose
their capacitance with higher temperature and voltage at
different rates. For example, a capacitor made of X5R or
X7R material will retain most of its capacitance from – 40 C
to 85 C whereas a Z5U or Y5V style capacitor will lose
considerable capacitance over that range.
Z5U and Y5V capacitors may also have voltage
coefficient causing them to lose 60% or more of their
capacitance when the rated voltage is applied. When
comparing different capacitors it is often useful consider the
amount of achievable capacitance for a given case size rather
than discussing the specified capacitance value. For
example, over rated voltage and temperature conditions, a
1 F, 10 V, Y5V ceramic capacitor in an 0603 case may not
provide any more capacitance than a 0.22 F, 10 V, X7R
available in the same 0603 case. For many W-5200/
5 applications these capacitors can be considered
roughly equivalent.
The capacitor manufacturer s data sheet should be
consulted to determine what value of capacitor is needed to
ensure the desired capacitance at all temperatures and
voltages.
Below
is
a
list
of
ceramic
capacitor
manufacturers and how to contact them:
Table 5. CERAMIC CAPACITOR MANUFACTURERS
Capacitor
Manufacturer
Web
Phone
Murata
www.murata.com
814.237.1431
AVX/Kemet
www.avxcorp.com
843.448.9411
Vishay
www.vishay.com
Kemet
www.kemet.com
408.986.0424
Taiyo Yuden
www.t yuden.com
408.573.4150
Thermal Management
For higher input voltages and maximum output current
there can be substantial power dissipation in the
. If the junction temperature increases to 160 C,
the thermal shutdown circuitry will automatically turn off
the output.
A good thermal connection to the PC board is
recommended to reduce the chip temperature. Connecting
the GND pin (Pin 2
to a ground plane, and maintaining a
solid ground plane under the device reduces the overall
thermal resistance.
The overall junction to ambient thermal resistance ( JA
for device power dissipation (PD
o
paths in series. The first path is the junction to the case ( JC
which is defined by the package style, and the second path
is case to ambient ( CA thermal resistance which is
dependent on board layout. The final operating junction
temperature for any set of conditions can be estimated by the
following thermal equation:
TJUNC = TAMB + PD ( JC
D (
CA
TJUNC = TAMB + PD ( JA
The SOT23 package, when mounted on printed circuit
board with two square inches of copper allocated for “heat
spreading”, will result with an overall
JA of less than
150 C/W.
For a typical application operating from a 3.8 V input
supply, the maximum power dissipation is 260 mW
(100 mA x 3
This would result if a maximum junction
temperature of:
TJUNC = TAMB + PD ( JA
TJUNC = 85 C + 0.26 W (150
TJUNC = 85 C + 39 C = 124 C
The use of multi layer board construction with power
planes will further enhance the overall thermal performance.
In the event of no dedicated copper area being used for heat
spreading, a multi l ayer board will typically provide the
with an overall JA of 200 C/W. This level of thermal
conduction would allow up to 200 mW be safely
dissipated within the device.


Số phần tương tự - W-5200TDI-G3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
   CMOS White LED Driver
More results

Mô tả tương tự - W-5200TDI-G3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com