công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST16C552ACJ68 bảng dữ liệu(PDF) 11 Page - Exar Corporation |
|
ST16C552ACJ68 bảng dữ liệu(HTML) 11 Page - Exar Corporation |
11 / 39 page 11 ST16C552/552A Rev. 3.40 FIFO Operation The 16 byte transmit and receive data FIFO’s are enabled by the FIFO Control Register (FCR) bit-0. The user can set the receive trigger level via FCR bits 6/ 7 but not the transmit trigger level. The transmit interrupt trigger level is set to 16 following a reset. The receiver FIFO section includes a time-out function to ensure data is delivered to the external CPU. An interrupt is generated whenever the Receive Holding Register (RHR) has not been read following the load- ing of a character or the receive trigger level has not been reached. Hardware/Software and Time-out Interrupts The interrupts are enabled by IER bits 0-3. Care must be taken when handling these interrupts. Following a reset the transmitter interrupt is enabled, the 552/552A will issue an interrupt to indicate that transmit holding register is empty. This interrupt must be serviced prior to continuing operations. The LSR register provides the current singular highest priority interrupt only. It could be noted that CTS and RTS interrupts have lowest interrupt priority. A condition can exist where a higher priority interrupt may mask the lower priority CTS/RTS interrupt(s). Only after servicing the higher pending interrupt will the lower priority CTS/ RTS interrupt(s) be reflected in the status register. Servicing the interrupt without investigating further interrupt conditions can result in data errors. When two interrupt conditions have the same priority, it is important to service these interrupts correctly. Receive Data Ready and Receive Time Out have the same interrupt priority (when enabled by IER bit-3). The receiver issues an interrupt after the number of characters have reached the programmed trigger level. In this case the 552/552A FIFO may hold more characters than the programmed trigger level. Follow- ing the removal of a data byte, the user should recheck LSR bit-0 for additional characters. A Receive Time Out will not occur if the receive FIFO is empty. The time out counter is reset at the center of each stop bit received or each time the receive holding register (RHR) is read (see Figure 4, Receive Time-out Interrupt). The actual time out value is T (Time out length in bits) = 4 X P (Programmed word length) + 12. To convert the time out value to a character value, the user has to consider the complete word length, including data information length, start bit, parity bit, and the size of stop bit, i.e., 1X, 1.5X, or 2X bit times. Example -A: If the user programs a word length of 7, with no parity and one stop bit, the time out will be: T = 4 X 7( programmed word length) +12 = 40 bit times. The character time will be equal to 40 / 9 = 4.4 characters, or as shown in the fully worked out ex- ample: T = [(programmed word length = 7) + (stop bit = 1) + (start bit = 1) = 9]. 40 (bit times divided by 9) = 4.4 characters. Example -B: If the user programs the word length = 7, with parity and one stop bit, the time out will be: T = 4 X 7(programmed word length) + 12 = 40 bit times. Character time = 40 / 10 [ (programmed word length = 7) + (parity = 1) + (stop bit = 1) + (start bit = 1) = 4 characters. Programmable Baud Rate Generator The 552/552A supports high speed modem technolo- gies that have increased input data rates by employing data compression schemes. For example a 33.6Kbps modem that employs data compression may require a 115.2Kbps input data rate. A 128.0Kbps ISDN modem that supports data compression may need an input data rate of 460.8Kbps. The 552/552A can support a standard data rate of 921.6Kbps. Single baud rate generator is provided for the trans- mitter and receiver, allowing independent TX/RX channel control. The programmable Baud Rate Gen- erator is capable of accepting an input clock up to 24 MHz, as required for supporting a 1.5Mbps data rate. The 552/552A requires that an external clock source be connected to the CLK input pin to clock the internal baud rate generator for standard or custom rates. (see Baud Rate Generator Programming below). The generator divides the input 16X clock by any divisor from 1 to 216 -1. The 552/552A divides the basic external clock by 16. The basic 16X clock provides table rates to support standard and custom applications using the |
Số phần tương tự - ST16C552ACJ68 |
|
Mô tả tương tự - ST16C552ACJ68 |