công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1024 bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện ADM1024
Giải thích chi tiết về linh kiện  System Hardware Monitor with Remote Diode Thermal Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1024 bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button ADM1024_16 Datasheet HTML 6Page - ON Semiconductor ADM1024_16 Datasheet HTML 7Page - ON Semiconductor ADM1024_16 Datasheet HTML 8Page - ON Semiconductor ADM1024_16 Datasheet HTML 9Page - ON Semiconductor ADM1024_16 Datasheet HTML 10Page - ON Semiconductor ADM1024_16 Datasheet HTML 11Page - ON Semiconductor ADM1024_16 Datasheet HTML 12Page - ON Semiconductor ADM1024_16 Datasheet HTML 13Page - ON Semiconductor ADM1024_16 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADM1024
www.onsemi.com
10
the serial bus address, R/W bit set to 1, followed
by the data byte read from the data register. This is
shown in Figure 12.
2. If the Address Pointer Register is known to be
already at the desired address, data can be read
from the corresponding data register without first
writing to the Address Pointer Register, so
Figure 11 can be omitted.
Figure 10. Writing a Register Address to the Address Pointer Register,
then Writing Data to the Selected Register
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D0
1
9
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
ADM1024
ACK. BY
ADM1024
ACK. BY
ADM1024
START BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
D1
D2
D3
D4
D5
D6
D7
R/W
1
9
91
Figure 11. Writing to the Address Pointer Register Only
STOP BY
MASTER
D0
1
9
D1
D2
D3
D4
D5
D6
D7
0
SCL
SDA
1
0
1
1
A1
A0
ACK. BY
ADM1024
ACK. BY
ADM1024
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
R/W
19
Figure 12. Reading Data from a Previously Selected Register
STOP BY
MASTER
1
9
SCL
ACK. BY
ADM1024
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
19
R/W
0
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
SDA
NO ACK.
BY MASTER
FRAME 2
DATA BYTE FROM ADM1024
NOTES
1. Although it is possible to read a data byte from a
data register without first writing to the Address
Pointer Register, if the Address Pointer Register is
already at the correct value, it is not possible to
write data to a register without writing to the
Address Pointer Register because the first data
byte of a write is always written to the Address
Pointer Register.
2. In Figure 10 to Figure 12, the serial bus address is
shown as the default value 01011(A1)(A0), where
A1 and A0 are set by the three−state ADD pin.
Measurement Inputs
The ADM1024 has nine external measurement pins that can
be configured to perform various functions by programming
the Channel Mode Register.


Số phần tương tự - ADM1024_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1024ARU AD-ADM1024ARU Datasheet
285Kb / 28P
   System Hardware Monitor with Remote Diode Thermal Sensing
REV. 0
logo
ON Semiconductor
ADM1024ARUZ ONSEMI-ADM1024ARUZ Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024ARUZ-REEL ONSEMI-ADM1024ARUZ-REEL Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
More results

Mô tả tương tự - ADM1024_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
   System Hardware Monitor with Remote Diode Thermal Sensing
REV. 0
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
[Old version datasheet]   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Analog Devices
ADM1028 AD-ADM1028 Datasheet
197Kb / 16P
   Remote Thermal Diode Monitor with Linear Fan Control
REV. A
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
   Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
National Semiconductor ...
LM41 NSC-LM41 Datasheet
367Kb / 27P
   Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
   Hardware Monitor with Thermal Diode Input and SensorPath??Bus
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com