công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1023ARQZ-REEL bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện ADM1023ARQZ-REEL
Giải thích chi tiết về linh kiện  ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1023ARQZ-REEL bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  ADM1023ARQZ-REEL Datasheet HTML 1Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 2Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1023ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 10
1
Publication Order Number:
ADM1023/D
ADM1023
ACPI‐Compliant, High
Accuracy Microprocessor
System Temperature Monitor
The ADM1023 is a 2-channel digital thermometer and
under/overtemperature alarm for use in personal computers and other
systems requiring thermal monitoring and management. Optimized
for the PentiumIII, the higher accuracy allows systems designers to
safely reduce temperature guard banding and increase system
performance. The device can measure the temperature of a
microprocessor using a diode-connected PNP transistor, which may be
provided on-chip with the PentiumIII or similar processors; or it can
be a low-cost, discrete NPN/PNP device such as the 2N3904/2N3906.
A novel measurement technique cancels out the absolute value of the
transistor’s base emitter voltage so that no calibration is required. The
second measurement channel measures the output of an on-chip
temperature sensor to monitor the temperature of the device and its
environment.
The ADM1023 communicates over a 2-wire serial interface
compatible with SMBus standards. Under/overtemperature limits can
be programmed into the device over the serial bus, and an ALERT
output signals when the on-chip or remote temperature is out of range.
This output can be used as an interrupt or as an SMBus ALERT.
Features
Next Generation Upgrade of ADM1021
On-Chip and Remote Temperature Sensing
Offset Registers for System Calibration
1C Accuracy and Resolution on Local Channel
0.125C Resolution/1C Accuracy on Remote Channel
Programmable Over/Undertemperature Limits
Programmable Conversion Rate
Supports System Management Bus (SMBus) ALERT
2-Wire SMBus Serial Interface
200 mA Max Operating Current (0.25 Conversions/Second)
1 mA Standby Current
3.0 V to 5.5 V Supply
Small 16-Lead QSOP Package
This is a Pb-Free Package*
Applications
Desktop Computers
Notebook Computers
Smart Batteries
Industrial Controllers
Telecomm Equipment
Instrumentation
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
QSOP 16
CASE 492
PIN ASSIGNMENT
ADM1023
(Top View)
NC
STBY
SCLK
NC
SDATA
ALERT
ADD0
NC
NC
VDD
D+
D−
NC
ADD1
GND
GND
16
1
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1023ARQZ = Specific Device Code
YY
= Year
WW
= Work Week
G
= Pb-Free Package
1023A
RQZ
YYWWG


Số phần tương tự - ADM1023ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1023ARQZ-REEL ONSEMI-ADM1023ARQZ-REEL Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Mô tả tương tự - ADM1023ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com