công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A22364-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5A22364-Q1
Giải thích chi tiết về linh kiện  0.65- Dual SPDT Analog Switch with Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A22364-Q1_16 Datasheet HTML 1Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 2Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 3Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 4Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 5Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 6Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 7Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 8Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Input Select
Audio
Source 1
8-
Speaker
Audio
Source 2
COM1
IN1
IN2
COM2
NC1
NO1
NC2
NO2
OUT+
OUT-
OUT+
OUT-
TS5A22364-Q1
Shunt
Switch
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS5A22364-Q1
SCDS361A – OCTOBER 2014 – REVISED JULY 2016
TS5A22364-Q1 0.65-
Ω Dual SPDT Analog Switch with Negative Signaling Capability
1
1 Features
1
Qualified for automotive applications
Specified Break-Before-Make (BBM) switching
Negative signal swing capability: Maximum swing
From –2.75 V to 2.75 V (VCC = 2.75 V)
Internal shunt switch prevents audible click-and-
pop when switching between two sources
Low On-state resistance (0.65
Ω typical)
Low charge injection
Excellent channel to channel On-state resistance
matching
2.3-V to 5.5-V power supply (VCC)
Latch-up performance meets 100 mA per AEC
Q100-004
ESD performance
2500-V Human-Body Model tested per AEC
Q100-002
1500-V Charged-Device Model tested per AEC
Q100-011
2 Applications
Automotive infotainment
Audio routing
Industrial automation
Medical imaging
3 Description
The
TS5A22364-Q1
is
a
2-channel
single-pole
double-throw (SPDT) analog switch designed to
operate from 2.3 V to 5.5 V supply. The device
features negative signal swing capability that allows
signals below ground to pass through the switch
without distortion. Additionally, the TS5A22364-Q1
includes an internal shunt switch, which automatically
discharges any capacitance at the NC or NO
terminals when they are unconnected to COM. This
reduces
the
audible
click-and-pop
noise
when
switching between two sources. The break-before-
make feature prevents signal distortion during the
transfer of a signal from one path to another. Low
On-state resistance, excellent channel-to-channel On-
state resistance matching, and minimal total harmonic
distortion (THD) performance are ideal for audio
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5A22364-Q1
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Số phần tương tự - TS5A22364-Q1_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
More results

Mô tả tương tự - TS5A22364-Q1_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com