công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A22364-Q1 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TS5A22364-Q1
Giải thích chi tiết về linh kiện  0.65- Dual SPDT Analog Switch with Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364-Q1 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TS5A22364-Q1_16 Datasheet HTML 2Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 3Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 4Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 5Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 6Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 7Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 8Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 9Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TS5A22364-Q1
SCDS361A – OCTOBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS5A22364-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics—2.5-V Supply (continued)
VCC = 2.3 V to 2.7 V, TA = –40°C to +125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Off-state isolation
OISO
RL = 50 Ω
f = 100 kHz,
See Figure 21
25°C
2.5 V
–66
dB
Crosstalk
XTALK
RL = 50 Ω
f = 100 kHz,
See Figure 22
25°C
2.5 V
–75
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 35 pF
f = 20 Hz to
20 kHz,
See Figure 24
25°C
2.5 V
0.01
%
SUPPLY
Positive
supply current
ICC
VCOM and VIN = VCC or GND, VNC and VNO = floating
25°C
2.7 V
0.2
1.1
μA
–40°C to +125°C
1.3
VCOM = VCC – 5.5 V, VIN = VCC or GND, VNC and VNO
= floating
–40°C to +125°C
2.7 V
3.3
μA
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. See the Implications of Slow or
Floating CMOS Inputs application report, SCBA004.
6.6 Electrical Characteristics—3.3-V Supply
VCC = 3 V to 3.6 V, TA = –40°C to +125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal
VCOM
VNO
VNC
VCC
5.5
VCC
V
On-state
resistance
Ron
VNC or VNO ≤ VCC,
1.5 V,
VCC – 5.5 V,
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
3 V
0.61
0.87
–40°C to +125°C
0.97
On-state
resistance match
between
channels
ΔRon
VNC or VNO = 1.5 V,
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
3 V
0.024
0.13
–40°C to +125°C
0.13
On-state
resistance
flatness
Ron(flat)
VNC or VNO ≤ VCC,
1.5 V,
VCC – 5.5 V,
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
3 V
0.12
0.46
–40°C to +125°C
0.5
Shunt switch
resistance
RSH
INO or
INC = 10 mA
–40°C to +125°C
3 V
25
40
On-state leakage
current
ICOM(ON)
VNC and VNO = floating,
VCOM = VCC,VCC – 5.5 V
COM to NO or NC,
See Figure 16
25°C
3.6 V
–200
200
nA
–40°C to +125°C
–2500
2500
DIGITAL CONTROL INPUTS (IN)(2)
Input logic high
VIH
–40°C to +125°C
1.4
VCC
V
Input logic low
VIL
–40°C to +125°C
0.6
V
Input leakage
current
IIH, IIL
VIN = VCC or 0
25°C
3.6 V
–250
250
nA
–40°C to +125°C
–250
250
DYNAMIC
Turnon time
tON
VCOM = VCC,
RL = 300 Ω
CL = 35 pF,
See Figure 18
25°C
3.3 V
34
80
ns
–40°C to +125°C
3 V to 3.6
V
80
Turnoff time
tOFF
VCOM = VCC,
RL = 300 Ω
CL = 35 pF,
See Figure 18
25°C
3.3 V
19
70
ns
–40°C to +125°C
3 V to 3.6
V
70
Break-before-
make time
tBBM
See Figure 19
25°C
3.3 V
1
7
ns
Charge injection
QC
VGEN = 0,
RGEN = 0,
CL = 1 nF,
See Figure 23
25°C
3.3 V
300
pC
On-State
NC, NO, COM
capacitance
CCOM(ON)
VCOM = VCC or GND,
f = 10 MHz
See Figure 17
25°C
3.3 V
370
pF


Số phần tương tự - TS5A22364-Q1_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
More results

Mô tả tương tự - TS5A22364-Q1_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com