công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78616PE bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện LC78616PE
Giải thích chi tiết về linh kiện  Digital Servo Processor LSI
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78616PE bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button LC78616PE_16 Datasheet HTML 4Page - ON Semiconductor LC78616PE_16 Datasheet HTML 5Page - ON Semiconductor LC78616PE_16 Datasheet HTML 6Page - ON Semiconductor LC78616PE_16 Datasheet HTML 7Page - ON Semiconductor LC78616PE_16 Datasheet HTML 8Page - ON Semiconductor LC78616PE_16 Datasheet HTML 9Page - ON Semiconductor LC78616PE_16 Datasheet HTML 10Page - ON Semiconductor LC78616PE_16 Datasheet HTML 11Page - ON Semiconductor LC78616PE_16 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC78616PE
www.onsemi.com
8
Pin
No.
Pin name
I/O
State when
“Reset”
Function
26
DVDD
Digital system power supply
27
DVSS
Digital system ground. This pin must be connected to the 0V level.
28
DVDD15
AO
High
Capacitor connection pin for internal regulator
29
SDDAT14
I/O
Input(Low) SDRAM data 14
30
SDDAT13
I/O
Input(Low) SDRAM data 13
31
DVDD
Digital system power supply
32
DVSS
Digital system ground. This pin must be connected to the 0V level.
33
SDDAT12
I/O
Input(Low) SDRAM data 12
34
SDDAT11
I/O
Input(Low) SDRAM data 11
35
SDDAT10
I/O
Input(Low) SDRAM data 10
36
SDDAT09
I/O
Input(Low) SDRAM data 9
37
SDDAT08
I/O
Input(Low) SDRAM data 8
38
SDCLK
O
Low
SDRAM system clock output
39
SDCKE
O
Low
SDRAM clock enable output
40
SDADRS09
O
Low
SDRAM address output 9
41
SDADRS08
O
Low
SDRAM address output 8
42
SDADRS07
O
Low
SDRAM address output 7
43
SDADRS06
O
Low
SDRAM address output 6
44
SDADRS05
O
Low
SDRAM address output 5
45
SDADRS04
O
Low
SDRAM address output 4
46
SDADRS03
O
Low
SDRAM address output 3
47
SDADRS02
O
Low
SDRAM address output 2
48
SDADRS01
O
Low
SDRAM address output 1
49
SDADRS00
O
Low
SDRAM address output 0
50
SDADRS10
O
Low
SDRAM address output 10
51
MODE3
I
Input
LSI mode set pin
52
SDBA
O
Low
SDRAM Bank select Address output
Connect SDRAM-BANK pin when 16Mbit SDRAM using
Connect SDRAM-BANK1 pin when 64Mbit SDRAM using
53
SDCSB
O
Low
SDRAM Chip Select output
54
SDRASB
O
Low
SDRAM Row Address Strobe output
55
SDCASB
O
Low
SDRAM Column Address Strobe output
56
SDWEB
O
Low
SDRAM Write Enable output
57
SDDQM
O
Low
SDRAM Data Mask Control output
Common both for 16M/64Mbit-SDRAM : Connect this pin both to
SDRAM-DQMH(UDQM) and DQML(LDQM) pins
58
SDDAT07
I/O
Input(Low) SDRAM data 7
59
SDDAT06
I/O
Input(Low) SDRAM data 6
60
SDDAT05
I/O
Input(Low) SDRAM data 5
61
DVDD15
AO
High
Capacitor connection pin for internal regulator
62
DVSS
Digital system ground. This pin must be connected to the 0V level.
63
DVDD
Digital system power supply
64
SDDAT04
I/O
Input(Low) SDRAM data 4
65
SDDAT03
I/O
Input(Low) SDRAM data 3
66
SDDAT02
I/O
Input(Low) SDRAM data 2
67
SDDAT01
I/O
Input(Low) SDRAM data 1
68
SDDAT00
I/O
Input(Low) SDRAM data 0
69
SDADRS11
I/O
Input(Low)
Connect to SDRAM ADRS11 pin when using 64M bit SDRAM.
SDRAM address output 11
CONT06 is available when using 16M bit SDRAM.
General purpose I/O port with pull down resistor
70
SDADRS12
I/O
Input(Low)
Connect to SDRAM BANK0 pin when using 64M bit SDRAM.
SDRAM address output 12
CONT07 is available when using 16M bit SDRAM.
General purpose I/O port with pull down resistor
71
XVSS
Oscillator ground. This pin must be connected to the 0V level.
72
XOUT
O
Oscillation
16.9344MHz oscillator connection
73
XIN
I
Oscillation
16.9344MHz oscillator connection
74
XVDD
Oscillator power supply
75
DVDD
Digital system power supply


Số phần tương tự - LC78616PE_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
More results

Mô tả tương tự - LC78616PE_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
logo
Nippon Precision Circui...
SM9403BM NPC-SM9403BM Datasheet
142Kb / 18P
   DVDRAM Servo-amplifier LSI
logo
LSI Computer Systems
BU9532KS2 LSI-BU9532KS2 Datasheet
172Kb / 2P
   Signal processor LSI with pre-servo amplifier for CD players
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com