công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A226E bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TS3A226E
Giải thích chi tiết về linh kiện  Autonomous Audio Headset Switch with Reduced GND Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226E bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TS3A226E Datasheet HTML 2Page - Texas Instruments TS3A226E Datasheet HTML 3Page - Texas Instruments TS3A226E Datasheet HTML 4Page - Texas Instruments TS3A226E Datasheet HTML 5Page - Texas Instruments TS3A226E Datasheet HTML 6Page - Texas Instruments TS3A226E Datasheet HTML 7Page - Texas Instruments TS3A226E Datasheet HTML 8Page - Texas Instruments TS3A226E Datasheet HTML 9Page - Texas Instruments TS3A226E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-May-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TS3A226EYFFR
OBSOLETE
DSBGA
YFF
9
TBD
Call TI
Call TI
-40 to 85
YP2
26E
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Số phần tương tự - TS3A226E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Mô tả tương tự - TS3A226E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
ON Semiconductor
NL3S325 ONSEMI-NL3S325 Datasheet
167Kb / 7P
   Audio Jack GND/MIC Configuration Switch
June, 2018 ??Rev. 1
FSA850 ONSEMI-FSA850 Datasheet
422Kb / 10P
   Audio 3-Pole / 4-Pole MIC-GND Switch
June 2016 Rev. 1.12
logo
Fairchild Semiconductor
FSA850 FAIRCHILD-FSA850 Datasheet
1Mb / 3P
   Audio 3-Pole / 4-Pole MIC-GND Switch
logo
Reed Relays and Electro...
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
   Reduced-miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com