công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES115K10-Z bảng dữ liệu(PDF) 2 Page - Copal Electronics

tên linh kiện ES115K10-Z
Giải thích chi tiết về linh kiện  Miniature Slide Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COPAL [Copal Electronics]
Trang chủ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ES115K10-Z bảng dữ liệu(HTML) 2 Page - Copal Electronics

  ES115K10-Z Datasheet HTML 1Page - Copal Electronics ES115K10-Z Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tab term.
ES
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES125A
■−Z
25.2
±1
26.4
±1
22.3
±1
ES125D
■−Z
ES125E
■−Z
25.7
±1
22.7
±1
Dimension L
Terminal
Part No.
TAB
Screw
Solder
ES215K
■−Z
29.3
±1
26.4
±1
ES215N
■−Z
27.1
±1
ES215P
■−Z
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES225K
■−Z −−
26.4
±1
ES225N
■−Z
29.3
±1
30.6
±1
ES225P
■−Z
−−
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES125A
■−Z
ES125D
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES125E
■−Z
AC125V 25A
AC250V 12A
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES215K
■−Z
ES215N
■−Z
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
1minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES215P
■−Z
AC125V 15A
AC250V 7A
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES225K
■−Z
ES225N
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES225P
■−Z
AC125V 25A
AC250V 12A
ES125
ES215
ES225
1
−pole
2
−poles
2
−poles
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Switching function
Part No.
Viewed from part No. marking side
ES125A
■−Z
OFF
ON
Connecting terminals
−−
1
−3
ES125D
■−Z
ON
ON
ES125E
■−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
ES215K
■−Z
OFF
ON
Connecting terminals
−−
1
−3
4
−6
ES215N
■−Z
ON
ON
ES215P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
ES225K
■−Z
OFF
ON
Connecting terminals
−−
1
−3
4
−6
ES225N
■−Z
ON
ON
ES225P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
Switches with switching function A do not have terminal No. 2.
Switches with switching function K do not have terminal No. 2 and No. 5.
Switches with switching function K do not have terminal
No. 2 and No. 5.
●For the soldering speciÄcations and Åux cleaning speciÄcations,
please refer to P. 525.
■ indicates the terminal style number ( None , 10 , or 12. ).


Số phần tương tự - ES115K10-Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
ES11-SA1A4 SICK-ES11-SA1A4 Datasheet
1Mb / 7P
   SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
logo
Honeywell Solid State E...
ES110 HONEYWELL-ES110 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
List of Unclassifed Man...
ES111 ETC2-ES111 Datasheet
84Kb / 4P
   Electro-Wash짰 NX New & Improved! Cleaner Degreaser
More results

Mô tả tương tự - ES115K10-Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com