công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK534U342C-E bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện STK534U342C-E
Giải thích chi tiết về linh kiện  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK534U342C-E bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  STK534U342C-E Datasheet HTML 1Page - ON Semiconductor STK534U342C-E Datasheet HTML 2Page - ON Semiconductor STK534U342C-E Datasheet HTML 3Page - ON Semiconductor STK534U342C-E Datasheet HTML 4Page - ON Semiconductor STK534U342C-E Datasheet HTML 5Page - ON Semiconductor STK534U342C-E Datasheet HTML 6Page - ON Semiconductor STK534U342C-E Datasheet HTML 7Page - ON Semiconductor STK534U342C-E Datasheet HTML 8Page - ON Semiconductor STK534U342C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number :
September 2016 - Rev. 1
STK534U342C-E/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 15 of this data sheet.
STK534U342C-E
Intelligent Power Module (IPM)
600 V, 5 A
Overview
This “Inverter IPM” is highly integrated device containing all High Voltage
(HV) control from HV-DC to 3-phase outputs in a single SIP module (Single-In
line Package). Output stage uses IGBT/FRD technology and implements Under
Voltage Protection (UVP). Internal Boost diodes are provided for high side gate
boost drive.
Function
 Single control power supply due to Internal bootstrap circuit for high side
pre-driver circuit
 All control input and status output are at low voltage levels directly compatible
with microcontrollers.
 Built-in cross conduction prevention.
 Externally accessible embedded thermistor for substrate temperature
measurement
Certification
 UL1557 (File number: E339285)
Specifications
Absolute Maximum Ratings at Tc = 25C
Parameter
Symbol
Remarks
Ratings
Unit
Supply voltage
VCC
P to U-, V-, W-, surge < 500 V
*1
450
V
Collector-emitter voltage
VCE
P to U, V, W or U, V, W, to U-, V-, W-
600
V
Output current
Io
P,U-,V-,W-,U,V,W terminal current
±5
A
P,U-,V-,W-,U,V,W terminal current, Tc = 100
C
±3
A
Output peak current
Iop
P,U-,V-,W-,U,V,W terminal current, P.W. = 1 ms
±10
A
Pre-driver voltage
VD1,2,3,4
VB1 to U, VB2 to V, VB3 to W, VDD to VSS
*2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3
0.3 to VDD
V
FLTEN terminal voltage
VFLTEN
FLTEN terminal
0.3 to VDD
V
Maximum power dissipation
Pd
IGBT per 1 channel
27.7
W
Junction temperature
Tj
IGBT, FRD, Pre-Driver IC
150
C
Storage temperature
Tstg
40 to +125
C
Operating case temperature
Tc
IPM case
20 to +100
C
Tightening torque
A screw part
*3
0.9
Nm
Withstand voltage
Vis
50 Hz sine wave AC 1 minute
*4
2000
VRMS
Reference voltage is “VSS” terminal voltage unless otherwise specified.
*1: Surge voltage developed by the switching operation due to the wiring inductance between P and U-(V-, W-) terminal.
*2: Terminal voltage: VD1 = VB1 to U, VD2 = VB2 to V, VD3 = VB3 to W, VD4 = VDD to VSS.
*3: Flatness of the heat-sink should be 0.15 mm and below.
*4: Test conditions : AC 2500 V, 1 s.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Số phần tương tự - STK534U342C-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK534U362C-E ONSEMI-STK534U362C-E Datasheet
387Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
More results

Mô tả tương tự - STK534U342C-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com