công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK57FU394AG-E bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện STK57FU394AG-E
Giải thích chi tiết về linh kiện  Intelligent Power Module (IPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK57FU394AG-E bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button STK57FU394AG-E Datasheet HTML 4Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 5Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 6Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 7Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 8Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 9Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 10Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 11Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STK57FU394AG-E
www.onsemi.com
8
7.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Driver Section
Gate driver consumption current
VBS=15V (Note 4), per driver
ID
-
0.08
0.4
mA
VDD=15V, total
ID
-
0.85
2.4
mA
High level Input voltage
HINU, HINV, HINW, LINU, LINV, LINW,
PFCIN to GND
VIN H
2.5
-
-
V
Low level Input voltage
VIN L
-
-
0.8
V
Logic 1 input current
VIN=+3.3V
IIN+
-
100
143
μA
Logic 0 input current
VIN=0V
IIN-
-
-
2
μA
Bootstrap diode forward voltage
IF=0.1A
VF(DB)
-
0.8
-
V
Bootstrap circuit resistance
Resistor value for common boot charge
line
RBC
-
22
-
Resister values for separate boot
charge lines
RBS
-
22
-
FLTEN terminal sink current
FLTEN : ON / VFAULT=0.1V
IoSD
-
2
-
mA
FLTEN clearance delay time
FLTCLR
1.3
1.65
2.0
ms
FLTEN Threshold
VEN ON-state voltage
VEN(ON)
2.5
-
-
V
VEN OFF-state voltage
VEN(OFF)
-
-
0.8
V
ITRIP threshold voltage
ITRIP to GND
VITRIP
0.44
0.49
0.54
V
PTRIP threshold voltage
PTRIP to GND
VPTRIP
0.37
0.31
0.25
V
ITRIP to shutdown propagation delay
tITRIP
490
600
850
ns
PTRIP to shutdown propagation delay
tPTRIP
440
550
800
ns
ITRIP and PTRIP blanking time
tITRIPBL
tPFCTRIPBL
290
350
-
ns
VDD and VBS supply undervoltage
positive going input threshold
VDDUV+
VBSUV+
10.5
11.1
11.7
V
VDD and VBS supply undervoltage
negative going input threshold
VDDUV-
VBSUV-
10.3
10.9
11.5
V
VDD and VBS supply undervoltage Iockout
hysteresis
VDDUVH
VBSUVH
0.14
0.2
-
V


Số phần tương tự - STK57FU394AG-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

Mô tả tương tự - STK57FU394AG-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com