công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STDA31-SERIES bảng dữ liệu(PDF) 1 Page - Vitec Power

tên linh kiện STDA31-SERIES
Giải thích chi tiết về linh kiện  30W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  Vitec [Vitec Power]
Trang chủ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA31-SERIES bảng dữ liệu(HTML) 1 Page - Vitec Power

  STDA31-SERIES Datasheet HTML 1Page - Vitec Power STDA31-SERIES Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA31 SERIES
30W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 Inlet
Output Voltage Available From 5VDC Thru 50VDC
Single Output
Input Surge Current, and Over Current Protection.
CEC Level V, and Energy Star 2.0 Compliance
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Load Regulation *
Maximum
Output Power
STDA31-S02
5 ~ 6 VDC
4.00 ~ 3.33 A
5%
20W
STDA31-S03
6 ~ 8 VDC
4.16 ~ 3.12 A
5%
25W
STDA31-S04
8 ~ 11 VDC
3.75 ~ 2.72 A
5%
30W
STDA31-S05
11 ~ 13 VDC
2.72 ~ 2.30 A
5%
30W
STDA31-S06
13 ~ 16 VDC
2.30 ~ 1.87 A
5%
30W
STDA31-S07
16 ~ 21 VDC
1.87 ~ 1.42 A
3%
30W
STDA31-S08
21 ~ 27 VDC
1.42 ~ 1.11 A
3%
30W
STDA31-S09
27 ~ 33 VDC
1.11 ~ 0.90A
3%
30W
STDA31-S10
33 ~ 40 VDC
0.90 ~ 0.75A
3%
30W
STDA31-S11
40 ~ 50 VDC
0.75 ~ 0.60A
3%
30W
The output voltage under 15V had been approved by TUV/PSE.
The model number of S04~S11 had been approved by CEC Level V.
The model number of S06 had been approved by KC.
The total regulation on model S01~S05 is required to use AWG#16 / 4FT output cable.
The total regulation on model S06~S08 is required to use AWG#18 / 4FT output cable.
The total regulation on model S09~S11 is required to use AWG#18 / 6FT output cable.
The regualtion will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.8
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
26
30
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
38
45
A
Efficiency
Io=Full Load, Vin=230VAC
73
81
90
%
No-Load Power Consumption
No load, Vin=240VAC
0
0.3
0.5
W
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leadage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0
0.3
0.5
W


Số phần tương tự - STDA31-SERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vitec Power
STDA31-S02 Vitec-STDA31-S02 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31-S03 Vitec-STDA31-S03 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31-S04 Vitec-STDA31-S04 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31-S05 Vitec-STDA31-S05 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31-S06 Vitec-STDA31-S06 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
More results

Mô tả tương tự - STDA31-SERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vitec Power
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA150 Vitec-STDA150 Datasheet
411Kb / 2P
   150W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com