công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1169A bảng dữ liệu(PDF) 8 Page - Agilent(Hewlett-Packard)

tên linh kiện U1169A
Giải thích chi tiết về linh kiện  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1169A bảng dữ liệu(HTML) 8 Page - Agilent(Hewlett-Packard)

  U1169A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7
Optional accessories
Measuring accessories (temperature)
U1180A
Thermocouple
adapter+lead kit,
J and K types
Includes thermocouple adapter, thermocouple bead J-type and
thermocouple bead K-type.
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
• T/C bead K-type: –20 °C to 200 °C
U1181A
Immersion
temperature probe
• Type-K T/C for use in oil and other liquids
• Measurement range: –50 °C to 700 ºC
• Includes adapter U1184A for connection to DMM
U1182A
Industrial surface
temperature probe
• Type-K T/C for use on still surfaces
• Measurement range: –50 ºC to 400 ºC
• Includes adapter U1184A for connection to DMM
U1183A
Air temperature
probe
• Type-K T/C for use in air and non-caustic gas
• Measurement range: –50 ºC to 800 ºC
• Includes adapter U1184A for connection to DMM
U1184A
Temperature probe
adapter
• Mini-connector-to-banana-plug adapter for use with DMM
U1185A
J-type thermocouple
and adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
U1186A
K-type
thermocouple and
adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
Carrying case
U1172A
Transit case
(aluminium-clad)
The robust casing to transport your DMM and accessories
• Aluminum-clad, black panel construction
• Dimension: 18 inches (H) x 13 inches (W) x 6 inches (D)
• Weight: 4 kg
U1174A
Soft carrying case
The convenient way to carry your DMM and essential accessories
• Dimension: 9 inches (H) x 5 inches (W) x 3 inches (D)
Hanging kit
U1171A
Magnetic hanging
kit
For fastening the DMM to a steel surface so both hands are free
U1179A IR
Connectivity Bracke
Connect with U1177A IR-to-Bluetooth adapter or U1173A IR-USB
cable
Ordering Information


Số phần tương tự - U1169A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1169A HP-U1169A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1169A HP-U1169A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1169A HP-U1169A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Mô tả tương tự - U1169A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com