công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U1186A bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
U1186A bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 17 page 5 Accuracy is given as ± (% of reading + number of least significant digits) at 23 °C ± 5 °C, with relative humidity less than 80 % R.H. ACV/ ACA specifications are ac coupled, true R.M.S. and are valid from 5 % of range to 100 % of range. The crest factor may be up to 3.0 at full-scale except the 1000 V and 1000 A ranges where these are 1.5 at full scale. For non-sinusoidal waveforms, add (2 % reading + 2 % full scale) typical, for crest factors up to 3. DC voltage Range Resolution Accuracy Overload protection 400 V 0.1 V 0.5 % + 5 1000 V R.M.S 1000 V 1 V 0.5 % + 3 • Input impedance: 10 MΩ (nominal) AC voltage Range Resolution Accuracy Overload protection 45~400 Hz 400 V 0.1 V 1 % + 5 1000 V R.M.S 1000 V 1 V 1 % + 5 • Input impedance: 10 MΩ (nominal) in parallel with < 100 pF Voltage (1 ms peak hold) Range Resolution Accuracy Overload protection 400 V 0.1 V 1 % + 43 1000 V R.M.S 1000 V 1 V 1 % + 43 • Specified accuracy for changes > 1 ms in duration Diode check/audible continuity test Range Resolution Accuracy Test current Open voltage Diode 0.001 V 0.5 % + 2 Approximately 0.8 mA < +3.1 V • Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current • Built-in buzzer sounds when reading is below 50 mV approximately and single tone for normal forward-biased diode or semiconductor junction as 0.3 V ≤ Reading ≤ 0.8 V Resistance Range Resolution Accuracy Test current 400 Ω 0.1 Ω 0.5 % + 3 0.8 mA 4 kΩ 0.001 kΩ 0.5 % + 3 80 µA Notes: 1. Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current 2. Maximum open voltage: < +3.1 V 3. Instant continuity: Built-in buzzer sounds when resistance is less than 10.0 Ω 4. The accuracy of 400 Ω and 4 kΩ is specified after Relative function, which is used to substrate the test lead resistance and the thermal effect Electrical Specifications for U1211A |
Số phần tương tự - U1186A |
|
Mô tả tương tự - U1186A |