công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2620A-053 bảng dữ liệu(PDF) 3 Page - Agilent(Hewlett-Packard)

tên linh kiện N2620A-053
Giải thích chi tiết về linh kiện  Agilent WireScope Pro Professional Network Test Option N2640A-010
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N2620A-053 bảng dữ liệu(HTML) 3 Page - Agilent(Hewlett-Packard)

  N2620A-053 Datasheet HTML 1Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 2Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 3Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 4Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 2 of 4
Quickly Diagnose and Troubleshoot
Network Problems
WireScope Pro Professional Network
Test contains a complete arsenal for
troubleshooting tools from Ping and
Trace Route to and statistical analysis
of the traffic breakdown.
With just a few clicks, the instrument
allows to identify 10/100/1000 Mbit/s
Ethernet utilization, broadcasts, pause
frames, collisions, and errors, or
pinpoint incorrectly assigned subnet
masks, misconfigured servers, and
duplicate IP addresses.
Automatic Network Discovery
Once connected, the WireScope Pro
automatically surveys the network and
displays all devices in a switched
network, providing instant visibility of
IP and IPX devices on different
subnets, along with their MAC
addresses, network addresses, and
names. Using the Network database
populated by the network discovery
function, the asset of network stations
and services can be documented;
rogue stations and unauthorized
services can be identified.
Automated and Simplified Network
Service Testing and Pre-Qualification
WireScope Pro Autotest uses a unique
technique to objectively measure and
benchmark the performance of
network application servers, and
produces detailed reports on the
performance metrics. This feature is
useful for both troubleshooting and
network turn-up.
Connectivity to a Range of Protocols
and Physical Media
Enabling Professional Network Test on
the WireScope Pro activates the unit’s
built-in network test ports. The
instrument is equipped with an RJ45
test port for 10/100/1000 Mbit/s over
copper and an SFP (Small Form-factor
Pluggable) interface for Gigabit
Ethernet over fiber. A USB-powered
media converter for 100BASE-FX and a
range of SFP Gigabit Ethernet optical
transceivers are optionally available.
General Specifications
User Interface
56 mm x 150 mm (2.2” x 5.9”)
touch-sensitive color LCD display
Dimensions
Size: 232 mm x 126 mm x 86.7 mm
(9.13” x 4.96” x 3.41”)
Weight: approx. 1.36 kg
(approx. 3.0 lbs.)
Test Interfaces
• Electrical 10/100/1000BASE-T
RJ45 interface, full and half duplex
• Supported SFP fiber interfaces:
1000BASE-SX and -LX
Ports
• Universal Serial Bus (USB 1.1)
• Talkset Interface:
3.5 mm stereo jack
• Auxiliary 10/100BASE-T RJ45
interface for remote control and
web access to the instrument;
requires option N2640A-041 for
activation.


Số phần tương tự - N2620A-053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N262-001-AQ TRIPPLITE-N262-001-AQ Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Aqua, 1 ft.
N262-001-BK TRIPPLITE-N262-001-BK Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Black, 1 ft.
N262-001-BL TRIPPLITE-N262-001-BL Datasheet
171Kb / 3P
   Augmented Cat6 (Cat6a) Shielded (STP) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Blue 1-ft.
N262-001-GY TRIPPLITE-N262-001-GY Datasheet
165Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Gray, 1 ft.
N262-003-AQ TRIPPLITE-N262-003-AQ Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Aqua, 3 ft.
More results

Mô tả tương tự - N2620A-053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
W1141B-UP7 KEYSIGHT-W1141B-UP7 Datasheet
852Kb / 6P
   Agilent VEE Pro 8.5
logo
Extech Instruments Corp...
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
   Professional Test Lead Kit
logo
Intel Corporation
3945ABG INTEL-3945ABG Datasheet
476Kb / 2P
   PRO/Wireless Network Connection
logo
Extech Instruments Corp...
TK730 EXTECH-TK730 Datasheet
239Kb / 1P
   Professional Clamp Meter Test Kit
logo
Schneider Electric
BMENOS0300 SCHNEIDER-BMENOS0300 Datasheet
110Kb / 2P
   Network Option Switch
Apr 20, 2022
logo
Fluke Corporation
TI480 FLUKE-TI480 Datasheet
2Mb / 5P
   Ti480 PRO and Ti450 PRO Infrared Cameras The Fluke Professional Series
logo
Keysight Technologies
U3040AK KEYSIGHT-U3040AK Datasheet
857Kb / 8P
   Agilent Yellowstone 3.0 Automated Test Process Center
logo
Agilent(Hewlett-Packard...
N9201A HP-N9201A Datasheet
115Kb / 4P
   Array Structure Parametric Test Option
logo
List of Unclassifed Man...
TNP800 ETC-TNP800 Datasheet
220Kb / 2P
   Net Prowler™ Deluxe PRO Test Kit
6/1/2018
logo
Keysight Technologies
E2667B KEYSIGHT-E2667B Datasheet
2Mb / 10P
   USB 2.0 Signal Quality Test Option
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com