công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2620A-053 bảng dữ liệu(PDF) 4 Page - Agilent(Hewlett-Packard)

tên linh kiện N2620A-053
Giải thích chi tiết về linh kiện  Agilent WireScope Pro Professional Network Test Option N2640A-010
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N2620A-053 bảng dữ liệu(HTML) 4 Page - Agilent(Hewlett-Packard)

  N2620A-053 Datasheet HTML 1Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 2Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 3Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 4Page - Agilent(Hewlett-Packard) N2620A-053 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 3 of 4
Power Supply
• Removable/Rechargeable Li-Ion
batteries; provide 5 to 8 hours of
continuous operation.
• AC Power adapter: 100~240 V AC,
12 V/3.3 A DC, plugs directly into
the battery. Battery can be
recharged separate from the
instrument.
Data Storage
• 64 MByte internal flash memory,
15.6 MByte user accessible;
shared with cable test application.
• 256 MByte USB Flash Drive
included. Allows storing Network
Station Database, Network
Settings, Test Results Database,
and Test Suites.
Software Upgrade
Semi-automated software upgrade
using USB Flash Drive or special USB
cable (included).
Administration Functions
Remote control from any PC on the
network; requires installation of a
small applet.
Access to measurement results
through web browser
Generation of printable reports through
web browser
Available User Interface Languages
English, French, Spanish, Italian,
German, Simplified Chinese, Korean,
Japanese.
Environmental Conditions
Operating Temperature
0°C to +40°C
Storage Temperature
–10°C to +55°C
Relative Humidity
10% to 80%
Operating Altitude
up to 3000 meters
Pollution Degree: 2
Professional Network Testing, Option N2640A-010
Supported Protocols
IP, IPX, NetBIOS
Addressing
DHCP
Autotest
Supported RFCs
Supported Services
RFC 2617 (HTTP Basic Authentication Scheme), RFC 959 (FTP)
Email, Web, File, DNS, DHCP, WNS, Novell, Print, FTP, Primary DC, Secondary DC Servers,
Switches and Routers
Traffic Statistics
Protocol statistics
Top talker analysis
Local utilization and error statistics
Local error source
Network Discovery
automatic network discovery, active and passive
Tools
Ping, Trace route, Locate Switch Port, Error (problem) log
Demo (training) mode
Comprehensive built-in help function
SNMP Query Functions
Locate Switch Port
SNMP public MIBs
SNMP community setup
Report Generation
Formats
Tests
Statistics
Comma Separated Value (csv, raw data)
html (formatted report with tables)
Autotest
Network Station List, Network Statistics


Số phần tương tự - N2620A-053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N262-001-AQ TRIPPLITE-N262-001-AQ Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Aqua, 1 ft.
N262-001-BK TRIPPLITE-N262-001-BK Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Black, 1 ft.
N262-001-BL TRIPPLITE-N262-001-BL Datasheet
171Kb / 3P
   Augmented Cat6 (Cat6a) Shielded (STP) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Blue 1-ft.
N262-001-GY TRIPPLITE-N262-001-GY Datasheet
165Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Gray, 1 ft.
N262-003-AQ TRIPPLITE-N262-003-AQ Datasheet
167Kb / 3P
   Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Aqua, 3 ft.
More results

Mô tả tương tự - N2620A-053

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
W1141B-UP7 KEYSIGHT-W1141B-UP7 Datasheet
852Kb / 6P
   Agilent VEE Pro 8.5
logo
Extech Instruments Corp...
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
   Professional Test Lead Kit
logo
Intel Corporation
3945ABG INTEL-3945ABG Datasheet
476Kb / 2P
   PRO/Wireless Network Connection
logo
Extech Instruments Corp...
TK730 EXTECH-TK730 Datasheet
239Kb / 1P
   Professional Clamp Meter Test Kit
logo
Schneider Electric
BMENOS0300 SCHNEIDER-BMENOS0300 Datasheet
110Kb / 2P
   Network Option Switch
Apr 20, 2022
logo
Fluke Corporation
TI480 FLUKE-TI480 Datasheet
2Mb / 5P
   Ti480 PRO and Ti450 PRO Infrared Cameras The Fluke Professional Series
logo
Keysight Technologies
U3040AK KEYSIGHT-U3040AK Datasheet
857Kb / 8P
   Agilent Yellowstone 3.0 Automated Test Process Center
logo
Agilent(Hewlett-Packard...
N9201A HP-N9201A Datasheet
115Kb / 4P
   Array Structure Parametric Test Option
logo
List of Unclassifed Man...
TNP800 ETC-TNP800 Datasheet
220Kb / 2P
   Net Prowler™ Deluxe PRO Test Kit
6/1/2018
logo
Keysight Technologies
E2667B KEYSIGHT-E2667B Datasheet
2Mb / 10P
   USB 2.0 Signal Quality Test Option
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com