công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-6140-J06 bảng dữ liệu(PDF) 2 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-6140-J06
Giải thích chi tiết về linh kiện  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6140-J06 bảng dữ liệu(HTML) 2 Page - Agilent(Hewlett-Packard)

  HEDS-6140-J06 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6140-J06 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Two and Three Channel
Codewheels for Use with Agilent
Optical Encoder Modules
Technical Data
Features:
• Codewheels Available in
Glass, Film, and Metal
• Available in Two Standard
Diameters
• Cost Effective
• Resolutions from 96 CPR to
2048 CPR
• For Use with HEDS-90XX/
91XX Series Two and Three
Channel Encoders
Description
Agilent Technologies offers a
wide variety of codewheels for
use with Agilent’s HEDS-9000,
HEDS-9100, HEDS-9040, and
HEDS-9140 series Encoder
Modules. Designed for many
environments, applications, and
budgets, Agilent codewheels are
available in Glass, Film, and
Metal. These codewheels are
available in resolutions from 96
Counts Per Revolution (CPR) to
1024 CPR on an 11 mm optical
radius and 500 to 2048 CPR on a
23.36 mm optical radius.
Each of the three codewheel
materials offers a certain
advantage. Metal codewheels are
the most versatile, with a tem-
perature rating up to 100
°C,
resolution to 512 CPR (28 mm
diameter), as well as 2 and 3
channel outputs. Film codewheels
offer higher resolution (up to
1024 CPR on a 28 mm diameter)
with an operating temperature of
70
°C. Glass codewheels combine
the best of film and metal, offer-
ing a temperature rating of 100
°C
and resolutions to 1024 CPR on a
28 mm diameter.
In addition, each material offers a
specific reliability rating. It is
important to consider the specific
application operating environ-
ment, long term operating
conditions, and temperature
ranges when choosing a code-
wheel material.
Also See:
• HEDS-9000/HEDS-9100
Encoder Module Data Sheet
• HEDS-9000/9100/9200
Extended Resolution Encoder
Module Data Sheet
• HEDS-9040/9140 Three
Channel Encoder Module Data
Sheet
• HEDS-9700 Small Encoder
Module Data Sheet
HEDS-51X0/61X0 Series
HEDG-512X/612X Series
HEDM-512X/61XX Series


Số phần tương tự - HEDS-6140-J06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-6100-A06 HP-HEDS-6100-A06 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-6100-A08 HP-HEDS-6100-A08 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-6100-A09 HP-HEDS-6100-A09 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-6100-A10 HP-HEDS-6100-A10 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-6100-A12 HP-HEDS-6100-A12 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-6140-J06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com